Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 5 Page - Analog Devices

  AD9433 Datasheet HTML 1Page - Analog Devices AD9433 Datasheet HTML 2Page - Analog Devices AD9433 Datasheet HTML 3Page - Analog Devices AD9433 Datasheet HTML 4Page - Analog Devices AD9433 Datasheet HTML 5Page - Analog Devices AD9433 Datasheet HTML 6Page - Analog Devices AD9433 Datasheet HTML 7Page - Analog Devices AD9433 Datasheet HTML 8Page - Analog Devices AD9433 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
REV. 0
AD9433
–5–
PIN FUNCTION DESCRIPTIONS
Pin Number
Mnemonic
Function
1, 3, 4, 9, 11, 33, 34, 35, 38, 39, 40,
GND
Analog Ground
43, 48, 51
2, 5, 6, 10, 36, 37, 44, 47, 52
VCC
Analog Supply (5 V)
7
ENCODE
Encode Clock for ADC-Complementary
8
ENCODE
Encode Clock for ADC-True (ADC samples on rising edge of
ENCODE)
14
OR
Out of Range Output
15–20, 25–30
D11–D0
Digital Output
13, 22, 23, 32
VDD
Digital Output Power Supply (3 V)
12, 21, 24, 31
DGND
Digital Output Ground
41
DFS
Data Format Select. Low = Two’s Complement, High = Binary;
Floats Low
42
SFDR MODE
CMOS control pin that enables (SFDR MODE = 1), a proprietary
circuit that may improve the spurious free dynamic range (SFDR)
performance of the AD9433. It is useful in applications where the
dynamic range of the system is limited by discrete spurious
frequency content caused by nonlinearities in the ADC transfer
function. SFDR MODE = 0 for normal operation; Floats Low.
45
VREFIN
Reference Input for ADC (2.5 V typical)
46
VREFOUT
Internal Reference Output (2.5 V typical); bypass with 0.1
µF to
Ground
49
AIN
Analog Input-True
50
AIN
Analog Input-Complement
PIN CONFIGURATION
52 51 50 49 48
43 42 41 40
47 46 45 44
14 15 16 17 18 19 20 21 22 23 24 25 26
1
2
3
4
5
6
7
8
9
10
11
13
12
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
39
38
37
36
35
34
33
32
31
30
29
28
27
AD9433BSQ
GND
VCC
GND
GND
VCC
VCC
ENCODE
ENCODE
GND
VCC
GND
DGND
VDD
GND
GND
VCC
VCC
GND
GND
GND
VDD
DGND
D0 (LSB)
D1
D2
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com