Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9433 Datasheet HTML 4Page - Analog Devices AD9433 Datasheet HTML 5Page - Analog Devices AD9433 Datasheet HTML 6Page - Analog Devices AD9433 Datasheet HTML 7Page - Analog Devices AD9433 Datasheet HTML 8Page - Analog Devices AD9433 Datasheet HTML 9Page - Analog Devices AD9433 Datasheet HTML 10Page - Analog Devices AD9433 Datasheet HTML 11Page - Analog Devices AD9433 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
REV. 0
AD9433
–8–
–Typical Performance Characteristics
FREQUENCY – MHz
–120
0
13.1
SNR = 67.5dB
SFDR = 85.0dBFS
26.3
39.4
52.5
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
TPC 1. FFT: fS = 105 MSPS, fIN = 49.3 MHz, Differential
AIN @ –0.5 dBFS, SFDR Enabled
FREQUENCY – MHz
–120
0
13.1
SNR = 68.0dB
SFDR = 80.0dBFS
26.3
39.4
52.5
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
TPC 2. FFT: fS = 105 MSPS, fIN = 49.3 MHz, Differential
AIN @ –0.5 dBFS, SFDR Disabled
FREQUENCY – MHz
–120
0
SNR = 67.7dB
SFDR = 76.0dBFS
62.5
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
46.8
31.2
15.6
TPC 3. FFT: fS = 125 MSPS, fIN = 49.3 MHz, Differential
AIN @ –0.5 dBFS, SFDR Enabled
AIN – MHz
–60
0
50
100
150
200
250
–65
–70
–75
–80
–85
–90
–95
2ND HARMONIC
3RD HARMONIC
WORST OTHER
TPC 4. Harmonics (Second, Third, Worst Other) vs. AIN
Frequency. AIN @ –0.5 dBFS, fS = 105 MSPS, SFDR Enabled
AIN
– Hz
60
050
100
150
200
250
61
62
63
64
65
66
67
SINAD
SNR
68
300
11.1
10.9
10.8
10.6
10.4
10.3
10.1
9.9
9.8
TPC 5. SNR vs. AIN Frequency. Differential AIN @
–0.5 dBFS, 105 MSPS, SFDR Disabled
ENCODE – MSPS
60
10
30
50
70
90
110
65
70
75
80
85
90
95
SINAD
SNR
100
140
3RD
–dBc
2ND
–dBc
TPC 6. SNR/SINAD and Harmonic Distortion vs.
Encode Frequency. Differential AIN @ –0.5 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com