Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 1 Page - Analog Devices

  AD9433 Datasheet HTML 1Page - Analog Devices AD9433 Datasheet HTML 2Page - Analog Devices AD9433 Datasheet HTML 3Page - Analog Devices AD9433 Datasheet HTML 4Page - Analog Devices AD9433 Datasheet HTML 5Page - Analog Devices AD9433 Datasheet HTML 6Page - Analog Devices AD9433 Datasheet HTML 7Page - Analog Devices AD9433 Datasheet HTML 8Page - Analog Devices AD9433 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD9433
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
12-Bit, 105 MSPS/125 MSPS
IF Sampling A/D Converter
FUNCTIONAL BLOCK DIAGRAM
VCC
AIN
AIN
ENCODE
ENCODE
REF
OUT
REF
IN
GND
VDD
D11–D0
DFS
SFDR
12
12
PIPELINE
ADC
T/H
ENCODE
TIMING
REF
OUTPUT
STAGING
AD9433
FEATURES
IF Sampling up to 350 MHz
SNR = 67.5 dB, fIN up to Nyquist @ 105 MSPS
SFDR = 83 dBc, fIN 70 MHz @ 105 MSPS
SFDR = 72 dBc, fIN 150 MHz @ 105 MSPS
2 V p-p Analog Input Range Option
On-Chip Clock Duty Cycle Stabilization
On-Chip Reference and Track/Hold
SFDR Optimization Circuit
Excellent Linearity:
DNL =
0.25 LSB (Typ)
INL =
0.5 LSB (Typ)
750 MHz Full Power Analog Bandwidth
Power Dissipation = 1.35 W Typical @ 125 MSPS
Two’s Complement or Offset Binary Data Format
5.0 V Analog Supply Operation
2.5 V to 3.3 V TTL/CMOS Outputs
APPLICATIONS
Cellular Infrastructure Communication Systems
3G Single and Multicarrier Receivers
IF Sampling Schemes
Wideband Carrier Frequency Systems
Point to Point Radios
LMDS, Wireless Broadband
MMDS Base Station Units
Cable Reverse Path
Communications Test Equipment
Radar and Satellite Ground Systems
GENERAL INTRODUCTION
The AD9433 is a 12-bit monolithic sampling analog-to-digital
converter with an on-chip track-and-hold circuit and is designed
for ease of use. The product operates up to 125 MSPS conver-
sion rate and is optimized for outstanding dynamic performance
in wideband and high IF carrier systems.
The ADC requires a 5 V analog power supply and a differential
encode clock for full performance operation. No external refer-
ence or driver components are required for many applications.
The digital outputs are TTL/CMOS compatible and a separate
output power supply pin supports interfacing with 3.3 V or
2.5 V logic.
A user-selectable, on-chip proprietary circuit optimizes spurious-
free dynamic range (SFDR) versus signal-to-noise-and-distortion
(SINAD) ratio performance for different input signal frequencies,
providing as much as 83 dBc SFDR performance over the dc
to 70 MHz band.
The encode clock supports either differential or single-ended
input and is PECL-compatible. The output format is user-
selectable for binary or two’s complement and provides an
overrange (OR) signal.
Fabricated on an advanced BiCMOS process, the AD9433 is
available in a thermally enhanced 52-lead plastic quad flatpack
specified over the industrial temperature range (–40
°C to
+85
°C) and is pin-compatible with the AD9432.
PRODUCT HIGHLIGHTS
1. IF Sampling
The AD9433 maintains outstanding ac performance up to
input frequencies of 350 MHz. Suitable for 3G Wideband
Cellular IF sampling receivers.
2. Pin-Compatibility
This ADC has the same footprint and pin layout as the
AD9432, 12-Bit 80/105 MSPS ADC.
3. SFDR Performance
A user-selectable on-chip circuit optimizes SFDR performance
as much at 85 dBc from dc to 70 MHz.
4. Sampling Rate
At 125 MSPS, this ADC is ideally suited for current wireless
and wired broadband applications such as LMDS/MMDS
and cable reverse path.


Similar Part No. - AD9433

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9433 AD-AD9433 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433 AD-AD9433 Datasheet
433Kb / 21P
IF Sampling ADC
Rev. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-105 AD-AD9433BSVZ-105 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
More results

Similar Description - AD9433

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6640 AD-AD6640 Datasheet
488Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
AD10226 AD-AD10226 Datasheet
976Kb / 20P
Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
REV.0
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9445 AD-AD9445_15 Datasheet
972Kb / 40P
14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
AD9445 AD-AD9445_17 Datasheet
797Kb / 41P
14-Bit, 105/125 MSPS, IF Sampling ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com