Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 3 Page - Analog Devices

  AD9433 Datasheet HTML 1Page - Analog Devices AD9433 Datasheet HTML 2Page - Analog Devices AD9433 Datasheet HTML 3Page - Analog Devices AD9433 Datasheet HTML 4Page - Analog Devices AD9433 Datasheet HTML 5Page - Analog Devices AD9433 Datasheet HTML 6Page - Analog Devices AD9433 Datasheet HTML 7Page - Analog Devices AD9433 Datasheet HTML 8Page - Analog Devices AD9433 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
REV. 0
–3–
AD9433
Test
AD9433BSQ-105
AD9433BSQ-125
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
*
Signal-to-Noise Ratio (SNR)
(Without Harmonics)
fIN = 10.3 MHz
25 C
I
66.5
68.0
66.0
67.7
dB
fIN = 49 MHz
25 C
I
65.5
67.5
64.0
66.0
dB
fIN = 70 MHz
25 C
V
67.0
65.4
dB
fIN = 150 MHz
25 C
V
65.4
62.0
dB
fIN = 250 MHz
25 C
V
63.7
60.0
dB
Signal-to-Noise Ratio and Distortion (SINAD)
(With Harmonics)
fIN = 10.3 MHz
25 C
I
66.0
68.0
65.0
67.0
dB
fIN = 49 MHz
25 C
I
64.0
67.5
63.5
65.5
dB
fIN = 70 MHz
25 C
V
66.9
64.5
dB
fIN = 150 MHz
25 C
V
64.0
61.5
dB
fIN = 250 MHz
25 C
V
61.2
57.7
dB
Effective Number of Bits
fIN = 10.3 MHz
25 C
I
11.1
10.9
Bits
fIN = 49 MHz
25 C
I
11.0
10.7
Bits
fIN = 70 MHz
25 C
V
10.9
10.6
Bits
fIN = 150 MHz
25 C
V
10.4
10.0
Bits
fIN = 250 MHz
25 C
V
9.9
9.4
Bits
2nd and 3rd Harmonic Distortion
fIN = 10.3 MHz
25 C
I
–78
–85
–76
–85
dBc
fIN = 49 MHz
25 C
I
–73
–80
–72
–76
dBc
fIN = 70 MHz
25 C
V
–83
–78
dBc
fIN = 150 MHz
25 C
V
–72
–67
dBc
fIN = 250 MHz
25 C
V
–67
–65
dBc
Worst Other Harmonic or Spur
(Excluding Second and Third)
fIN = 10.3 MHz
25 C
I
–88
–92
–84
–90
dBc
fIN = 49 MHz
25 C
I
–82
–89
–82
–87
dBc
fIN = 70 MHz
25 C
V
–87
–85
dBc
fIN = 150 MHz
25 C
V
–87
–84
dBc
fIN = 250 MHz
25 C
V
–85
–76
dBc
Two-Tone Intermod Distortion (IMD3)
fIN1 = 49.3 MHz, fIN2 = 50.3 MHz
25 C
V
–92
–90
dBc
fIN1 = 150 MHz, fIN2 = 151 MHz
25 C
V
–80
–76
dBc
*SNR/Harmonics based on an analog input voltage of –0.5 dBFS referenced to a 2 V full-scale input range. Harmonics are specified with the SFDR active
(SFDR = +5 V). SNR/SINAD specified with SFDR disabled (SFDR = Ground).
Specifications subject to change without notice.
AC SPECIFICATIONS (V
DD = 3.3 V, VCC = 5 V; differential encode input, unless otherwise noted.)
SWITCHING SPECIFICATIONS
Test
AD9433BSQ-105
AD9433BSQ-125
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
Encode Rate
Full
IV
10
105
10
125
MSPS
Encode Pulsewidth High (tEH)
Full
IV
2.9
2.4
ns
Encode Pulsewidth Low (tEL)
Full
IV
2.9
2.4
ns
Aperture Delay (tA)25 C
V
2.1
2.1
ns
Aperture Uncertainty (Jitter)
1
25 C
V
0.25
0.25
ps rms
Output Valid Time (tV)
2
Full
VI
2.5
4.0
2.5
4.0
ns
Output Propagation Delay (tPD)
2
Full
VI
4.0
5.5
4.0
5.5
ns
Output Rise Time (tR)
Full
V
2.1
2.1
ns
Output Fall Time (tF)
Full
V
1.9
1.9
ns
Out of Range Recovery Time
25 CV
2
2
ns
Transient Response Time
25 CV
2
2
ns
Latency
Full
IV
10
10
Cycles
NOTES
1Aperture uncertainty includes contribution of the AD9433, crystal clock reference, and encode drive circuit.
2t
V and tPD are measured from the transition points of the ENCODE input to the 50%/50% levels of the digital output swing. The digital output load during testing is
not to exceed an ac load of 10 pF or a dc current of 50
µA. Rise and fall times measured from 10% to 90%.
Specifications subject to change without notice.
(VDD = 3.3 V, VCC = 5 V; differential encode input, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com