Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9433 Datasheet HTML 16Page - Analog Devices AD9433 Datasheet HTML 17Page - Analog Devices AD9433 Datasheet HTML 18Page - Analog Devices AD9433 Datasheet HTML 19Page - Analog Devices AD9433 Datasheet HTML 20Page - Analog Devices AD9433 Datasheet HTML 21Page - Analog Devices AD9433 Datasheet HTML 22Page - Analog Devices AD9433 Datasheet HTML 23Page - Analog Devices AD9433 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
REV. 0
AD9433
–23–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Thermally Enhanced
52-Lead Power Thin Plastic Quad Flatpack (LQFP_ED)
(SQ-52)
0.026 (0.65)
0.015 (0.38)
0.013 (0.32)
0.009 (0.22)
0.472 (12.00) SQ
0.402 (10.20)
0.394 (10.00) SQ
0.386 (9.80)
TOP VIEW
(PINS DOWN)
40
52
1
14
13
26
27
39
0.307 (7.80)
0.063
(1.60)
MAX
VIEW A
SEATING
PLANE
0.030 (0.75)
0.024 (0.60)
0.018 (0.45)
0.006 (0.15)
0.002 (0.05)
VIEW A
0.004 (0.10)
COPLANARITY
0.057 (1.45)
0.055 (1.40)
0.053 (1.35)
40
52
1
14
13
26
27
39
EXPOSED
HEATSINK
(CENTERED)
0.093 (2.35)
0.087 (2.20)
0.081 (2.05)
(4 PLCS)
0.236 (6.00)
0.232 (5.90)
0.228 (5.80)
0.236 (6.00)
0.232 (5.90)
0.228 (5.80)
0.104 (2.65)
0.098 (2.50)
0.093 (2.35)
(4 PLCS)
BOTTOM VIEW
(PINS UP)
NOTES
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS. INCH DIMENSIONS ARE ROUNDED OFF MILLIMETER
EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
2. ALTHOUGH NOT REQUIRED IN ALL APPLICATIONS,THE AD9433 HAS AN EXPOSED METALLIC PAD ON THE
PACKAGE BOTTOM WHICH IS INTENDED TO ENHANCE THE HEAT REMOVAL PATH. TO MAXIMIZE THE REMOVAL
OF HEAT, A LAND PATTERN WITH CLOSELY SPACED THERMAL VIAS TO THE GROUND PLANE(S) SHOULD
BE INCORPORATED ON THE PCB WITHIN THE FOOTPRINT OF THE PACKAGE CORRESPONDING TO THE
EXPOSED METAL PAD DIMENSIONS OF THE PACKAGE. THE SOLDERABLE LAND AREA SHOULD BE SOLDER
MASK DEFINED AND BE AT LEAST THE SAME SIZE AND SHAPE AS THE EXPOSED PAD AREA ON THE
PACKAGE. AT LEAST 0.25 MM CLEARANCE BETWEEN THE OUTER EDGES OF THE LAND PATTERN AND THE
INNER EDGES OF THE PAD PATTERN SHOULD BE MAINTAINED TO AVOID ANY SHORTS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com