Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9433 Datasheet HTML 6Page - Analog Devices AD9433 Datasheet HTML 7Page - Analog Devices AD9433 Datasheet HTML 8Page - Analog Devices AD9433 Datasheet HTML 9Page - Analog Devices AD9433 Datasheet HTML 10Page - Analog Devices AD9433 Datasheet HTML 11Page - Analog Devices AD9433 Datasheet HTML 12Page - Analog Devices AD9433 Datasheet HTML 13Page - Analog Devices AD9433 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
REV. 0
AD9433
–10–
DUTY CYCLE HIGH – %
–60
020
–65
–70
–75
–80
–85
–90
–95
2ND HARMONIC (dBc)
3RD HARMONIC (dBc)
WORST OTHER (dBc)
SNR (dB)
30
40
50
60
70
80
90
10
TPC 13. Dynamic Performance vs. Encode Duty Cycle
fS = 105 MSPS, fIN = 49.3 MHz, Differential AIN @ –0.5 dBFS,
SFDR Enabled
–0.75
0
512
1024
1536
2048
2560
3072
3584
4095
0
0.25
–0.50
–0.25
0.50
0.75
OUTPUT CODE
TPC 14. Integral Nonlinearity vs. Output Code
with SFDR Disabled
–0.5
0
512
1024
1536
2048
2560
3072
3584
4095
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
OUTPUT CODE
TPC 15. Differential Nonlinearity vs. Output Code
ENCODE FREQUENCY – MHz
180
0
ICC (mA)
25
50
75
100
125
200
220
240
260
280
300
IDD (mA)
0
3
6
9
12
15
18
TPC 16. IDD and ICC vs. Encode Rate. fIN = 10.3 MHz,
Differential AIN @ –0.5 dBFS
–0.75
0
512
1024
1536
2048
2560
3072
3584
4095
0
0.25
–0.50
–0.25
0.50
0.75
OUTPUT CODE
TPC 17. Integral Nonlinearity vs. Output Code with
SFDR Enabled
FREQUENCY – MHz
–120
0
7.68
15.36
23.04
30.72
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
TPC 18. FFT: fS = 61.44 MSPS, fIN = 46.08 MHz, 4 WCDMA
Carriers, Differential AIN, SFDR Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com