Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13280 Datasheet (PDF) - Analog Devices

AD13280 Datasheet PDF - Analog Devices
Part # AD13280
Download  AD13280 Download
File Size   1353.58 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning

AD13280 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD13280 Datasheet PDF - Analog Devices

Part # AD13280
Download  AD13280 Click to download

File Size   1353.58 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning

AD13280 Datasheet (HTML) - Analog Devices


AD13280 Product details

GENERAL DESCRIPTION
The AD13280 is a complete, dual-channel, signal processing solution that includes on-board amplifiers, references, ADCs, and output termination components to provide optimized system performance. The AD13280 has on-chip track-and-hold circuitry and uses an innovative multipass architecture to achieve 12-bit, 80 MSPS performance. The AD13280 uses innovative high density circuit design and laser-trimmed thin-film resistor networks to achieve exceptional channel matching, impedance control, and performance while maintaining excellent isolation and providing for significant board area savings.
   
FEATURES
    Dual 80 MSPS, minimum sample rate
    Channel-to-channel matching, ±1% gain error
    90 dB channel-to-channel isolation
    DC-coupled signal conditioning
    80 dB spurious-free dynamic range
    Selectable bipolar inputs (±1 V and ±0.5 V ranges)
    Integral single-pole, low-pass Nyquist filter
    Twos complement output format
    3.3 V compatible outputs
    1.85 W per channel
   
APPLICATIONS
    Radar processing (optimized for I/Q baseband operation)
    Phased array receivers
    Multichannel, multimode receivers
    GPS antijamming receivers
    Communications receivers
   




Similar Part No. - AD13280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD13280/PCB AD-AD13280/PCB Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280AF AD-AD13280AF Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280AZ AD-AD13280AZ Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
More results


Similar Description - AD13280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10242 AD-AD10242 Datasheet
251Kb / 16P
Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV.A
AD10265 AD-AD10265 Datasheet
267Kb / 18P
Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD13465 AD-AD13465 Datasheet
1Mb / 20P
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD10200 AD-AD10200 Datasheet
1Mb / 20P
Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
AD10465 AD-AD10465 Datasheet
2Mb / 20P
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD15452 AD-AD15452 Datasheet
340Kb / 16P
12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
logo
Texas Instruments
ADC12DC080 TI1-ADC12DC080_14 Datasheet
1Mb / 27P
Dual 12-Bit, 80 MSPS A/D Converter with CMOS Outputs
logo
Analog Devices
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
A/D Converter with Analog Input Signal Conditioning
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com