Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13280 Datasheet(PDF) 1 Page - Analog Devices

Part # AD13280
Description  Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13280 Datasheet(HTML) 1 Page - Analog Devices

  AD13280 Datasheet HTML 1Page - Analog Devices AD13280 Datasheet HTML 2Page - Analog Devices AD13280 Datasheet HTML 3Page - Analog Devices AD13280 Datasheet HTML 4Page - Analog Devices AD13280 Datasheet HTML 5Page - Analog Devices AD13280 Datasheet HTML 6Page - Analog Devices AD13280 Datasheet HTML 7Page - Analog Devices AD13280 Datasheet HTML 8Page - Analog Devices AD13280 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD13280
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
FEATURES
Dual, 80 MSPS Minimum Sample Rate
Channel-to-Channel Matching,
1% Gain Error
90 dB Channel-to-Channel Isolation
DC-Coupled Signal Conditioning
80 dB Spurious-Free Dynamic Range
Selectable Bipolar Inputs ( 1 V and
0.5 V Ranges)
Integral Single-Pole Low-Pass Nyquist Filter
Two’s Complement Output Format
3.3 V Compatible Outputs
1.85 W per Channel
Industrial and Military Grade
APPLICATIONS
Radar Processing (Optimized for I/Q Baseband Operation)
Phased Array Receivers
Multichannel, Multimode Receivers
GPS Antijamming Receivers
Communications Receivers
Dual Channel, 12-Bit, 80 MSPS A/D Converter
with Analog Input Signal Conditioning
PRODUCT DESCRIPTION
The AD13280 is a complete dual channel signal processing
solution including on board amplifiers, references, ADCs, and
output termination components to provide optimized system
performance. The AD13280 has on-chip track-and-hold circuitry
and utilizes an innovative multipass architecture to achieve 12-bit,
80 MSPS performance. The AD13280 uses innovative high-
density circuit design and laser-trimmed thin-film resistor networks
to achieve exceptional channel matching, impedance control,
and performance while still maintaining excellent isolation,
and providing for significant board area savings.
Multiple options are provided for driving the analog input,
including single-ended, differential, and optional series filtering.
The AD13280 also offers the user a choice of analog input
signal ranges to further minimize additional external signal
conditioning, while still remaining general purpose.
The AD13280 operates with
±5.0 V for the analog signal condi-
tioning with a separate 5.0 V supply for the analog-to-digital
conversion, and 3.3 V digital supply for the output stage. Each
channel is completely independent allowing operation with
independent encode and analog inputs, and maintaining mini-
mal crosstalk and interference.
The AD13280 is packaged in a 68-lead ceramic gull wing package.
Manufacturing is done on Analog Devices, Inc. MIL-38534
Qualified Manufacturers Line (QML) and components are
available up to Class-H (–40
°C to +85°C). The components are
manufactured using Analog Devices, Inc. high-speed comple-
mentary bipolar process (XFCB).
PRODUCT HIGHLIGHTS
1. Guaranteed sample rate of 80 MSPS.
2. Input signal conditioning included; gain and impedance match.
3. Single-ended, differential, or off-module filter options.
4. Fully tested/characterized full channel performance.
5. Compatible with 14-bit (up to) 65 MSPS family.
FUNCTIONAL BLOCK DIAGRAM
100
OUTPUT TERMINATORS
TIMING
3
9
12
VREF
DROUT
12
ENC
ENC
D9A
D10A D11A
(MSB)
D0B
(LSB)
D1B
D3B
D2B
D4B
D5B
D6B
D7B
D8B
TIMING
D9B
7
5
ENC
ENC
B–IN
D10B
D11B (MSB)
(LSB) D0A
D1A
D2A
D3A
D4A
D5A
D6A
D7A
D8A
AD13280
DROUTA
100
OUTPUT TERMINATORS
AMP-IN-B-2
AMP-IN-B-1
AMP-IN-A-2
AMP-IN-A-1
AMP-OUT-A
A–IN
A+IN
B+IN
AMP-OUT-B
DROUTB
DROUT
VREF


Similar Part No. - AD13280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD13280/PCB AD-AD13280/PCB Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280AF AD-AD13280AF Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280AZ AD-AD13280AZ Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
More results

Similar Description - AD13280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10242 AD-AD10242 Datasheet
251Kb / 16P
Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV.A
AD10265 AD-AD10265 Datasheet
267Kb / 18P
Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD13465 AD-AD13465 Datasheet
1Mb / 20P
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD10200 AD-AD10200 Datasheet
1Mb / 20P
Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
AD10465 AD-AD10465 Datasheet
2Mb / 20P
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD15452 AD-AD15452 Datasheet
340Kb / 16P
12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
logo
Texas Instruments
ADC12DC080 TI1-ADC12DC080_14 Datasheet
1Mb / 27P
Dual 12-Bit, 80 MSPS A/D Converter with CMOS Outputs
logo
Analog Devices
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
A/D Converter with Analog Input Signal Conditioning
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com