Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13465 Datasheet (PDF) - Analog Devices

AD13465 Datasheet PDF - Analog Devices
Part # AD13465
Download  AD13465 Download
File Size   1433.14 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning

AD13465 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD13465 Datasheet PDF - Analog Devices

Part # AD13465
Download  AD13465 Click to download

File Size   1433.14 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning

AD13465 Datasheet (HTML) - Analog Devices


AD13465 Product details

PRODUCT DESCRIPTION
The AD13465 is a complete dual channel signal processing solution including on-board amplifiers, references, ADCs, and output termination components to provide optimized system performance. The AD13465 has on-chip track-and-hold circuitry and utilizes an innovative multipass architecture to achieve 14-bit, 65 MSPS performance. The AD13465 uses state-of-the-art, high density circuit design and laser-trimmed thin-film resistor networks to achieve exceptional channel matching and impedance control, and provide for significant board area savings.

FEATURES
    Dual, 65 MSPS Minimum Sample Rate
        Channel-to-Channel Matching, ±1% Gain Error
        90 dB Channel-to-Channel Isolation
        DC-Coupled Signal Conditioning
    85 dB Spurious-Free Dynamic Range
    Selectable Bipolar Inputs
        (±1 V and ±0.5 V Ranges)
    Integral Two-Pole Low-Pass Nyquist Filter
    Two’s Complement Output Format
    3.3 V Compatible Outputs
    1.8 W per Channel
    Industrial and Military Grade

APPLICATIONS
    Radar Processing
        Optimized for I/Q Baseband Operation
    Phased Array Receivers
    Multichannel, Multimode Receivers
    GPS Antijamming Receivers
    Communications Receivers




Similar Part No. - AD13465

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AD13 MICROCHIP-AD13 Datasheet
3Mb / 416P
16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
List of Unclassifed Man...
AD130 ETC1-AD130 Datasheet
329Kb / 4P
GERMANIUM POWER TRANSISTORS
AD131 ETC1-AD131 Datasheet
329Kb / 4P
GERMANIUM POWER TRANSISTORS
logo
HANAMICRON
AD1315 HANAMICRON-AD1315 Datasheet
247Kb / 8P
High Speed Active Load with Inhibit Mode
AD1315KZ HANAMICRON-AD1315KZ Datasheet
247Kb / 8P
High Speed Active Load with Inhibit Mode
More results


Similar Description - AD13465

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10242 AD-AD10242 Datasheet
251Kb / 16P
Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV.A
AD10265 AD-AD10265 Datasheet
267Kb / 18P
Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD10200 AD-AD10200 Datasheet
1Mb / 20P
Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
AD10465 AD-AD10465 Datasheet
2Mb / 20P
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD15452 AD-AD15452 Datasheet
340Kb / 16P
12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
A/D Converter with Analog Input Signal Conditioning
Rev. B
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
Dual Channel, 14-Bit, 65 MSPS A/D Converter
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com