Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD10200 Datasheet(PDF) 1 Page - Analog Devices

Part # AD10200
Description  Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10200 Datasheet(HTML) 1 Page - Analog Devices

  AD10200 Datasheet HTML 1Page - Analog Devices AD10200 Datasheet HTML 2Page - Analog Devices AD10200 Datasheet HTML 3Page - Analog Devices AD10200 Datasheet HTML 4Page - Analog Devices AD10200 Datasheet HTML 5Page - Analog Devices AD10200 Datasheet HTML 6Page - Analog Devices AD10200 Datasheet HTML 7Page - Analog Devices AD10200 Datasheet HTML 8Page - Analog Devices AD10200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD10200
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Dual Channel, 12-Bit 105 MSPS IF Sampling
A/D Converter with Analog Input
Signal Conditioning
FUNCTIONAL BLOCK DIAGRAM
50
D00B
(LSB)
49
D01B
48 D02B
47
D03B
46
D04B
45
D05B
42 D06B
41
D07B
40
D08B
39 D09B
38
D10B
37
D11B
(MSB)
34
D00A
(LSB)
D01A
D02A
D03A
D04A
D05A
D06A
D07A
D08A
D09A
D10A
D11A
(MSB)
21
33
32
31
30
29
28
25
24
23
22
ADC
7
50
AINA2
T1A
ADC
63
50
AINB2
T1B
AD10200
OUTPUT RESISTORS
12
12
18
17
ENCODEA
ENCODEA
REF
3
REF_A_OUT
TIMING
53
54
ENCODEB
ENCODEB
REF
56
REF_B_OUT
OUTPUT RESISTORS
12
12
T/H
T/H
TIMING
FEATURES
Dual, 105 MSPS Minimum Sample Rate
Channel-Channel Isolation, >80 dB
AC-Coupled Signal Conditioning Included
Gain Flatness up to Nyquist: < 0.2 dB
Input VSWR 1.1:1 to Nyquist
80 dB Spurious-Free Dynamic Range
Two’s Complement Output Format
3.3 V or 5 V CMOS-Compatible Output Levels
0.850 W per Channel
Industrial and Military Grade
APPLICATIONS
Radar IF Receivers
Phased Array Receivers
Communications Receivers
Secure Communications
GPS Antijamming Receivers
Multichannel, Multimode Receivers
PRODUCT DESCRIPTION
The AD10200 is a full channel ADC solution with on-module
signal conditioning for improved dynamic performance and
fully matched channel-to-channel performance. The module
includes two wide-dynamic range ADCs. Each ADC has a
transformer coupled front-end optimized for Direct-IF sampling.
The AD10200 has on-chip track-and-hold circuitry, and utilizes
an innovative architecture to achieve 12-bit, 105 MSPS perfor-
mance. The AD10200 uses innovative high-density circuit
design to achieve exceptional matching and performance while
still maintaining excellent isolation, and providing for significant
board area savings.
The AD10200 operates with 5.0 V supply for the analog-to-
digital conversion. Each channel is completely independent
allowing operation with independent encode and analog inputs.
The AD10200 is packaged in a 68-lead ceramic chip carrier
package. Manufacturing is done on Analog Devices, Inc. MIL-
38534 Qualified Manufacturers Line (QML) and components
are available up to Class-H (–55
°C to +125°C).
PRODUCT HIGHLIGHTS
1. Guaranteed sample rate of 105 MSPS.
2. Input signal conditioning with full power bandwidth to
250 MHz.
3. Fully tested/characterized performance at 121 MHz AIN.
4. Optimized for IF sampling.


Similar Part No. - AD10200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10200 AD-AD10200 Datasheet
1Mb / 20P
A/D Converter with Analog Input Signal Conditioning
Rev. B
logo
MicroPower Direct, LLC
AD102005F MPD-AD102005F Datasheet
292Kb / 2P
AD1024F Series
logo
Analog Devices
AD10200BZ AD-AD10200BZ Datasheet
1Mb / 20P
A/D Converter with Analog Input Signal Conditioning
Rev. B
AD10200PCB AD-AD10200PCB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD10200 AD-AD10200_15 Datasheet
1Mb / 20P
Dual Channel, 12-Bit 105 MSPS IF Sampling
REV. A
More results

Similar Description - AD10200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10242 AD-AD10242 Datasheet
251Kb / 16P
Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV.A
AD10265 AD-AD10265 Datasheet
267Kb / 18P
Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD13465 AD-AD13465 Datasheet
1Mb / 20P
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV.0
AD10226 AD-AD10226 Datasheet
976Kb / 20P
Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
REV.0
AD10465 AD-AD10465 Datasheet
2Mb / 20P
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD10200 AD-AD10200_15 Datasheet
1Mb / 20P
Dual Channel, 12-Bit 105 MSPS IF Sampling
REV. A
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com