Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51031 Datasheet (PDF) - ON Semiconductor

CS51031 Datasheet PDF - ON Semiconductor
Part # CS51031
Download  CS51031 Download
File Size   86.69 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Fast PFET Buck Controller

CS51031 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS51031 Datasheet PDF - ON Semiconductor

Part # CS51031
Download  CS51031 Click to download

File Size   86.69 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Fast PFET Buck Controller

CS51031 Datasheet (HTML) - ON Semiconductor


CS51031 Product details

The CS51031 is a switching controller for use in DC−DC converters. It can be used in the buck topology with a minimum number of external components. The CS51031 consists of a VCC monitor for controlling the state of the device, 1.0 A power driver for controlling the gate of a discrete P−Channel transistor, fixed frequency oscillator, short circuit protection timer, programmable Soft−Start, precision reference, fast output voltage monitoring comparator, and output stage driver logic with latch

Features
• 1.0 A Totem Pole Output Driver
• High Speed Oscillator (700 kHz max)
• No Stability Compensation Required
• Lossless Short Circuit Protection
• VCC Monitor
• 2.0% Precision Reference
• Programmable Soft−Start
• Wide Ambient Temperature Range:
    ♦ Industrial Grade: −40°C to 85°C
    ♦ Commercial Grade: 0°C to 70°C
• Pb−Free Packages are Available




Similar Part No. - CS51031

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51031 CHERRY-CS51031 Datasheet
153Kb / 8P
Fast PFET Buck Controller Does Not Require Compensation
Rev. 2/13/98
logo
ON Semiconductor
CS51031 ONSEMI-CS51031 Datasheet
95Kb / 10P
Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51031 ONSEMI-CS51031 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS51031GD8 ONSEMI-CS51031GD8 Datasheet
95Kb / 10P
Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51031GD8 ONSEMI-CS51031GD8 Datasheet
100Kb / 10P
Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
More results


Similar Description - CS51031

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
Hysteretic PFET Buck Controller
logo
Cherry Semiconductor Co...
CS51031 CHERRY-CS51031 Datasheet
153Kb / 8P
Fast PFET Buck Controller Does Not Require Compensation
Rev. 2/13/98
CS51033 CHERRY-CS51033 Datasheet
159Kb / 8P
Fast PFET Buck Controller Does Not Require Compensation
Rev. 2/13/98
logo
ON Semiconductor
CS51033 ONSEMI-CS51033 Datasheet
86Kb / 12P
Fast PFET Buck Controller
October, 2002 ??Rev. 8
logo
HTC Korea TAEJIN Techno...
LM51031 HTC-LM51031 Datasheet
273Kb / 9P
Fast PFET Buck Controller
logo
Texas Instruments
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
Hysteretic PFET Buck Controller
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com