Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51031 Datasheet (PDF) - Cherry Semiconductor Corporation

CS51031 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS51031
Download  CS51031 Download
File Size   153.82 Kbytes
Page   8 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Fast PFET Buck Controller Does Not Require Compensation

CS51031 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS51031 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS51031
Download  CS51031 Click to download

File Size   153.82 Kbytes
Page   8 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Fast PFET Buck Controller Does Not Require Compensation

CS51031 Datasheet (HTML) - Cherry Semiconductor Corporation


CS51031 Product details

Description
The CS51031 is a switching controller for use in DC-DC converters. It can be used in the buck topology with a minimum number of external components. The CS51031 consists of a VCC monitor for controlling the state of the device, 1.0A power driver for controlling the gate of a discrete P-channel transistor, fixed frequency oscillator, short circuit protection timer, programmable soft start, precision reference, fast output voltage monitoring comparator, and output stage driver logic with latch

Features
■ 1A Totem Pole Output Driver
■ High Speed Oscillator (700kHz max)
■ No Stability Compensation Required
■ Lossless Short Circuit Protection
■ VCC Monitor
■ 2% Precision Reference
■ Programmable Soft Start
   




Similar Part No. - CS51031

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51031 ONSEMI-CS51031 Datasheet
86Kb / 12P
Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51031 ONSEMI-CS51031 Datasheet
95Kb / 10P
Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51031 ONSEMI-CS51031 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS51031GD8 ONSEMI-CS51031GD8 Datasheet
86Kb / 12P
Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51031GD8 ONSEMI-CS51031GD8 Datasheet
95Kb / 10P
Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
More results


Similar Description - CS51031

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
Hysteretic PFET Buck Controller
logo
Cherry Semiconductor Co...
CS51033 CHERRY-CS51033 Datasheet
159Kb / 8P
Fast PFET Buck Controller Does Not Require Compensation
Rev. 2/13/98
logo
ON Semiconductor
CS51031 ONSEMI-CS51031 Datasheet
86Kb / 12P
Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51033 ONSEMI-CS51033 Datasheet
86Kb / 12P
Fast PFET Buck Controller
October, 2002 ??Rev. 8
logo
HTC Korea TAEJIN Techno...
LM51031 HTC-LM51031 Datasheet
273Kb / 9P
Fast PFET Buck Controller
logo
Texas Instruments
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
Hysteretic PFET Buck Controller
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com