Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51031 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS51031
Description  Fast PFET Buck Controller Does Not Require Compensation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51031 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS51031 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51031 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51031 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51031 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51031 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51031 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51031 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51031 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Power Supply Voltage, VCC........................................................................................................................................................20V
Driver Supply Voltage, VC..........................................................................................................................................................20V
Driver Output Voltage, VGATE ...................................................................................................................................................20V
COSC, CS, VFB (Logic Pins) ............................................................................................................................................................6V
Peak Output Current ................................................................................................................................................................. 1.0A
Steady State Output Current ................................................................................................................................................200mA
Operating Junction Temperature, TJ..................................................................................................................................... 150¡C
Operating Temperature Range, TA............................................................................................................................-40¡ to 125¡C
Storage Temperature Range, TS...................................................................................................................................-65 to 150¡C
ESD (Human Body Model).........................................................................................................................................................2kV
Lead Temperature Soldering
Wave Solder (through hole styles only) .....................................................................................10 sec. max, 260¡C peak
Reflow (SMD styles only) ......................................................................................60 sec. max above 183¡C, 230¡C peak
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2
Absolute Maximum Ratings
Electrical Characteristics: Specifications apply for 4.5 ² VCC ² 16V, 3V ² VC ² 16V,
-40¡C ² TJ ² 125¡C, unless otherwise specified.
s Oscillator
VFB = 1.2V
Frequency
COSC = 470pF
160
200
240
kHz
Charge Current
1.4V < VCOSC < 2V
110
µA
Discharge Current
2.7V > VCOSC > 2V
660
µA
Maximum Duty Cycle
1 Ð (tOFF/tON)
80.0
83.3
%
s Short Circuit Timer
VFB = 1.0V; CS = 0.1µF; VCOSC = 2V
Charge Current
1V < VCS < 2V
175
264
325
µA
Fast Discharge Current
2.55V > VCS > 2.4V
40
66
80
µA
Slow Discharge Current
2.4V > VCS > 1.5V
4
6
10
µA
Start Fault Inhibit Time
0V < VCS < 2.5V
0.70
0.85
1.40
ms
Valid Fault Time
2.6V > VCS > 2.4V
0.2
0.3
0.45
ms
GATE Inhibit Time
2.4V > VCS > 1.5V
9
15
23
ms
Fault Duty Cycle
2.5
3.1
4.6
%
s CS Comparator
VFB = 1V
Fault Enable CS Voltage
2.5
V
Max. CS Voltage
VFB = 1.5V
2.6
V
Fault Detect Voltage
VCS when GATE goes high
2.4
V
Fault Inhibit Voltage
Minimum VCS
1.5
V
Hold Off Release Voltage
VFB = 0V
0.4
0.7
1.0
V
Regulator Threshold
VCS = 1.5V
0.725
0.866
1.035
V
Voltage Clamp
s VFB Comparators
VCOSC = VCS = 2V
Regulator Threshold Voltage
TJ = 25¡C (note 1)
1.225
1.250
1.275
V
TJ = -40 to 125¡C
1.210
1.250
1.290
V
Fault Threshold Voltage
TJ = 25¡C (note 1)
1.12
1.15
1.17
V
TJ = -40 to 125¡C
1.10
1.15
1.19
V
Threshold Line Regulation
4.5V ² VCC ² 16V
6
15
mV
Input Bias Current
VFB = 0V
1
4
µA
Voltage Tracking
(Regulator Threshold Voltage -
70
100
120
mV
Fault Threshold Voltage)
Input Hysteresis Voltage
4
20
mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com