Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG54GS Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

UG54GS Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # UG54GS
Download  UG54GS Download
File Size   262.54 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 5A, 200V Ultrafast Rectifier

UG54GS Datasheet (PDF)

Go To PDF Page Download Datasheet
UG54GS Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # UG54GS
Download  UG54GS Click to download

File Size   262.54 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 5A, 200V Ultrafast Rectifier

UG54GS Datasheet (HTML) - Taiwan Semiconductor Company, Ltd




Similar Part No. - UG54GS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UG54G TSC-UG54G Datasheet
390Kb / 4P
5A, 200V - 600V Ultra Fast Rectifiers
More results


Similar Description - UG54GS

ManufacturerPart #DatasheetDescription
logo
Rohm
RDN050N20 ROHM-RDN050N20 Datasheet
50Kb / 4P
Switching (200V, 5A)
2SK2459N ROHM-2SK2459N Datasheet
137Kb / 4P
Switching (200V, 5A)
logo
Gaomi Xinghe Electronic...
BUGC30DH GXELECTRONICS-BUGC30DH Datasheet
332Kb / 2P
Ultrafast Efficient Rectifier (200V~800V / 3.0A)
logo
Taiwan Semiconductor Co...
UF5JFC TSC-UF5JFC Datasheet
300Kb / 5P
5A, 600V Ultrafast Rectifier
logo
PFC Device Inc.
P5L200B PFC-P5L200B Datasheet
644Kb / 5P
5A 200V MOS Schottky Rectifier
P5L200SP PFC-P5L200SP Datasheet
723Kb / 5P
5A 200V MOS Schottky Rectifier
P5200A PFC-P5200A Datasheet
693Kb / 5P
5A 200V MOS Schottky Rectifier
P5200F-A PFC-P5200F-A Datasheet
669Kb / 5P
5A 200V MOS Schottky Rectifier
PFS5L200 PFC-PFS5L200 Datasheet
561Kb / 5P
5A 200V MOS Schottky Rectifier
logo
Shindengen Electric Mfg...
D5FY20SN SHINDENGEN-D5FY20SN Datasheet
1Mb / 8P
Schottky Barrier Diodes 200V, 5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com