Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG54GS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UG54GS
Description  5A, 200V Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UG54GS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UG54GS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UG54GS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UG54GS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UG54GS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd UG54GS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UG54GS
Taiwan Semiconductor
2
Version:A1702
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-lead thermal resistance
RӨJL
14
°C/W
Junction-to-ambient thermal resistance
RӨJA
60
°C/W
Junction-to-case thermal resistance
RӨJC
16
°C/W
Thermal Performance Note: Units mounted on recommended PCB (10mm x 10mm Cu pad test board)
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP
MAX
UNIT
Forward voltage per diode
(1)
IF = 2.5A, TJ = 25°C
VF
0.83
1.05
V
IF = 5A, TJ = 25°C
0.89
1.10
V
IF = 2.5A, TJ = 150°C
0.69
0.95
V
IF = 5A, TJ = 150°C
0.76
1.00
V
Reverse current @ rated VR per diode
(2)
TJ = 25°C
IR
-
10
µA
TJ = 150°C
-
100
µA
Junction capacitance
1 MHz, VR=4.0V
CJ
45
-
pF
Reverse recovery time
IF=0.5A , IR=1.0A
IRR=0.25A
trr
-
20
ns
Notes:
1. Pulse test with PW=0.3 ms
2. Pulse test with PW=30 ms
ORDERING INFORMATION
PART NO.
PART NO.
SUFFIX
PACKING
CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
UG54GS
(Note 1)
H
A0
G
DO-15
1,500 / Ammo box
R0
DO-15
3,500 / 13" Paper reel
B0
DO-15
1,000 / Bulk packing
Note:
1. Whole series with green compound (halogen-free)
EXAMPLE
EXAMPLE P/N
PART NO.
PART NO.
SUFFIX
PACKING
CODE
PACKING CODE
SUFFIX
DESCRIPTION
UG54GSHA0G
UG54GS
H
A0
G
AEC-Q101 qualified
Green compound



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com