Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2413P Datasheet (PDF) - Maxim Integrated Products

DS2413P Datasheet PDF - Maxim Integrated Products
Part # DS2413P
Download  DS2413P Download
File Size   235.68 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Wire Dual Channel Addressable Switch

DS2413P Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2413P Datasheet PDF - Maxim Integrated Products

Part # DS2413P
Download  DS2413P Click to download

File Size   235.68 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Wire Dual Channel Addressable Switch

DS2413P Datasheet (HTML) - Maxim Integrated Products


DS2413P Product details

GENERAL DESCRIPTION

The DS2413 is a dual-channel programmable I/O 1-Wire® chip. The PIO outputs are configured as open drain and provide up to 20mA continuous sink capability and off-state operating voltage up to 28V. Control and sensing of the PIO pins is performed with a dedicated device-level command protocol. To provide a high level of fault tolerance in the end application, the 1-Wire IO and PIO pins are all capable of withstanding continuous application of voltages up to 28V max. Communication and operation of the DS2413 is performed with the single contact Maxim/Dallas 1-Wire serial interface.



FEATURES

■ Open-Drain Programmable I/O Pins

■ PIO Pins Support 20mA max Continuous Current Sink

■ Supports 28V (max) PIO Pin Operating Voltage

■ On-Resistance of PIO Pulldown Transistor 20Ω max; OFF Resistance 1MΩ min

■ Parasitic Power Supply Through 1-Wire

■ Communicates to Host with a Single Digital Signal at 14.9kb or 100kbps Using 1-Wire Protocol

■ Unique 64-bit ROM Serial Number Factory Lasered Into Each Device

■ Switchpoint Hysteresis and Filtering to Optimize Performance in the Presence of Noise

■ 1-Wire IO Pin Supports 28V Absolute Maximum DC Level for Fault Conditions

■ Operates Over a Wide 1-Wire Voltage Range of 2.8V to 5.25V from 0°C to +70°C

■ High ESD Immunity of 1-Wire IO Pin: 8kV HBM Typical

■ TSOC and TDFN Packages Available



APPLICATIONS

■ LED Control

■ Accessory Identification and Control

■ General Purpose Input/Output

■ Key-Pick Systems

■ Industrial Controllers

■ System Monitoring



 




Similar Part No. - DS2413P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DS2413P AD-DS2413P Datasheet
499Kb / 19P
1-Wire Dual-Channel Addressable Switch
2022 5/22
logo
Maxim Integrated Produc...
DS2413P+ MAXIM-DS2413P+ Datasheet
248Kb / 18P
1-Wire Dual Channel Addressable Switch
REV: 112007
DS2413P+ MAXIM-DS2413P+ Datasheet
148Kb / 18P
1-Wire Dual Channel Addressable Switch
REV: 110408
DS2413P+ MAXIM-DS2413P+ Datasheet
1Mb / 9P
Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
DS2413P+TR MAXIM-DS2413P+TR Datasheet
248Kb / 18P
1-Wire Dual Channel Addressable Switch
REV: 112007
More results


Similar Description - DS2413P

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405 Datasheet
236Kb / 15P
Addressable Switch
logo
Maxim Integrated Produc...
DS2408 MAXIM-DS2408 Datasheet
1Mb / 36P
1-Wire 8-Channel Addressable Switch
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405_07 Datasheet
419Kb / 15P
Addressable Switch
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413_1 Datasheet
248Kb / 18P
1-Wire Dual Channel Addressable Switch
REV: 112007
DS2413 MAXIM-DS2413_08 Datasheet
148Kb / 18P
1-Wire Dual Channel Addressable Switch
REV: 110408
DS2406 MAXIM-DS2406 Datasheet
244Kb / 32P
Dual Addressable Switch Plus 1Kb Memory
033109
DS2408 MAXIM-DS2408_10 Datasheet
607Kb / 39P
1-Wire 8-Channel Addressable Switch
12/10
DS2408 MAXIM-DS2408_V01 Datasheet
640Kb / 39P
1-Wire 8-Channel Addressable Switch
195702 ; 3 /15
DS2405 MAXIM-DS2405 Datasheet
434Kb / 15P
Addressable Switch
071107
logo
Analog Devices
DS2413 AD-DS2413 Datasheet
499Kb / 19P
1-Wire Dual-Channel Addressable Switch
2022 5/22
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com