Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2413 Datasheet (PDF) - Analog Devices

DS2413 Datasheet PDF - Analog Devices
Part # DS2413
Download  DS2413 Download
File Size   499.88 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1-Wire Dual-Channel Addressable Switch

DS2413 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2413 Datasheet PDF - Analog Devices

Part # DS2413
Download  DS2413 Click to download

File Size   499.88 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1-Wire Dual-Channel Addressable Switch

DS2413 Datasheet (HTML) - Analog Devices


DS2413 Product details

GENERAL DESCRIPTION
The DS2413 is a dual-channel programmable I/O 1-Wire® chip. The PIO outputs are configured as open-drain and provide up to 20mA continuous sink capability and off-state operating voltage up to 28V. Control and sensing of the PIO pins is performed with a dedicated device-level command protocol. To provide a high level of fault tolerance in the end application, the 1-Wire IO and PIO pins are all capable of withstanding continuous application of voltages up to 28V max. Communication and operation of the DS2413 is performed with the single contact 1-Wire serial interface.

APPLICATIONS
 LED Control
 Accessory Identification and Control
 General Purpose Input/Output
 Key-Pick Systems
 Industrial Controllers
 System Monitoring




Similar Part No. - DS2413

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413 Datasheet
235Kb / 17P
1-Wire Dual Channel Addressable Switch
REV: 051805
DS2413 MAXIM-DS2413 Datasheet
148Kb / 18P
1-Wire Dual Channel Addressable Switch
REV: 110408
DS2413 MAXIM-DS2413 Datasheet
1Mb / 9P
Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
DS2413P MAXIM-DS2413P Datasheet
235Kb / 17P
1-Wire Dual Channel Addressable Switch
REV: 051805
DS2413P+ MAXIM-DS2413P+ Datasheet
248Kb / 18P
1-Wire Dual Channel Addressable Switch
REV: 112007
More results


Similar Description - DS2413

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405 Datasheet
236Kb / 15P
Addressable Switch
logo
Maxim Integrated Produc...
DS2408 MAXIM-DS2408 Datasheet
1Mb / 36P
1-Wire 8-Channel Addressable Switch
DS2413 MAXIM-DS2413 Datasheet
235Kb / 17P
1-Wire Dual Channel Addressable Switch
REV: 051805
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405_07 Datasheet
419Kb / 15P
Addressable Switch
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413_1 Datasheet
248Kb / 18P
1-Wire Dual Channel Addressable Switch
REV: 112007
DS2413 MAXIM-DS2413_08 Datasheet
148Kb / 18P
1-Wire Dual Channel Addressable Switch
REV: 110408
DS2406 MAXIM-DS2406 Datasheet
244Kb / 32P
Dual Addressable Switch Plus 1Kb Memory
033109
DS2408 MAXIM-DS2408_10 Datasheet
607Kb / 39P
1-Wire 8-Channel Addressable Switch
12/10
DS2408 MAXIM-DS2408_V01 Datasheet
640Kb / 39P
1-Wire 8-Channel Addressable Switch
195702 ; 3 /15
DS2405 MAXIM-DS2405 Datasheet
434Kb / 15P
Addressable Switch
071107
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com