Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5299A Datasheet (PDF) - OKI electronic componets

MSM5299A Datasheet PDF - OKI electronic componets
Part # MSM5299A
Download  MSM5299A Download
File Size   130.85 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 80-DOT LCD SEGMENT DRIVER

MSM5299A Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM5299A Datasheet PDF - OKI electronic componets

Part # MSM5299A
Download  MSM5299A Click to download

File Size   130.85 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 80-DOT LCD SEGMENT DRIVER

MSM5299A Datasheet (HTML) - OKI electronic componets


MSM5299A Product details

GENERAL DESCRIPTION

The MSM5299A is a dot matrix LCD segment driver LSI which is fabricated using CMOS low power metal gate technology. This LSI consists of an 80-bit bidirectional shift register, 80-bit latch, 80-bit level shifter and 80-bit 4-level driver.

It receives the display data, which is transferred in 4-bit parallel from a microcomputer or LCD controller LSI such as MSM6255, then outputs the LCD driving waveform to the LCD.



FEATURES

• Supply voltage : 4.5 to 5.5V

• LCD driving voltage : 8 to 28V

• Applicable LCD duty : 1/64 to 1/256

• LCD Output : 80

• The 4-bit parallel data processing has improved the transfer speed to 1/4 that of the conventional serial transfer, thereby achieving low power consumption

• Can be interfaced with the LCD controller LSI MSM6255

• Applicable common diriver : MSM5298A (68 outputs)

• Package options:

   100-pin plastic QFP (QFP100-P-1420-0.65-K) (Product name : MSM5299AGS-K)

   100-pin plastic QFP (QFP100-P-1420-0.65-BK) (Product name : MSM5299AGS-BK)



 




Similar Part No. - MSM5299A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5299 OKI-MSM5299 Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299 OKI-MSM5299 Datasheet
124Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299C OKI-MSM5299C Datasheet
124Kb / 11P
80-DOT LCD SEGMENT DRIVER
More results


Similar Description - MSM5299A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6415 NJRC-NJU6415 Datasheet
282Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER
NJU6416 NJRC-NJU6416 Datasheet
283Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER?
NJU6445 NJRC-NJU6445 Datasheet
331Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
NJU6446 NJRC-NJU6446 Datasheet
334Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
logo
OKI electronic componet...
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299C OKI-MSM5299C Datasheet
124Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM6669 OKI-MSM6669 Datasheet
70Kb / 9P
80-DOT LCD SEGMENT DRIVER
logo
Samsung semiconductor
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
80 SEGMENT DRIVER FOR DOT MATRIX LCD
logo
New Japan Radio
NJU6416FC1 NJRC-NJU6416FC1 Datasheet
289Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com