Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5299 Datasheet (PDF) - OKI electronic componets

MSM5299 Datasheet PDF - OKI electronic componets
Part # MSM5299
Download  MSM5299 Download
File Size   124.24 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 80-DOT LCD SEGMENT DRIVER

MSM5299 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM5299 Datasheet PDF - OKI electronic componets

Part # MSM5299
Download  MSM5299 Click to download

File Size   124.24 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 80-DOT LCD SEGMENT DRIVER

MSM5299 Datasheet (HTML) - OKI electronic componets


MSM5299 Product details

GENERAL DESCRIPTION
The MSM5299C is a dot matrix LCD segment driver LSI which is fabricated using CMOS low power metal gate technology. This LSI consists of an 80-bit bidirectional shift register, 80-bit latch, 80-bit level shifter, and 80-bit 4-level driver.
It receives the 4-bit parallel display data transferred from a microcomputer or an LCD controller LSI such as MSM6255, then outputs the LCD driving waveform to the LCD.
This LSI is improved with respect to timing between load and clock in the switching characteristics of MSM5299A. (tLC = 200ns fi 63ns)
However, note that the timing regulations for the load signal leading edge are added.

FEATURES
• Logic supply voltage : 4.5 to 5.5V
• LCD driving voltage : 8 to 28V
• Applicable LCD duty : 1/64 to 1/256
• LCD Output : 80
• 4-bit parallel data processing has improved the transfer speed to 1/4 that of the conventional serial transfer, thereby achieving low power consumption
• Can be interfaced with the LCD controller LSI MSM6255
• Applicable common driver : MSM5298A (68 outputs)
• Package options :
    100-pin plastic QFP (QFP100-P-1420-0.65-K) (Product name : MSM5299CGS-K)
    100-pin plastic QFP (QFP100-P-1420-0.65-BK) (Product name : MSM5299CGS-BK)




Similar Part No. - MSM5299

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5299 OKI-MSM5299 Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299A OKI-MSM5299A Datasheet
130Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299AGS-BK OKI-MSM5299AGS-BK Datasheet
130Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299AGS-K OKI-MSM5299AGS-K Datasheet
130Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
More results


Similar Description - MSM5299

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6415 NJRC-NJU6415 Datasheet
282Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER
NJU6416 NJRC-NJU6416 Datasheet
283Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER?
NJU6445 NJRC-NJU6445 Datasheet
331Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
NJU6446 NJRC-NJU6446 Datasheet
334Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
logo
OKI electronic componet...
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299A OKI-MSM5299A Datasheet
130Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6669 OKI-MSM6669 Datasheet
70Kb / 9P
80-DOT LCD SEGMENT DRIVER
logo
Samsung semiconductor
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
80 SEGMENT DRIVER FOR DOT MATRIX LCD
logo
New Japan Radio
NJU6416FC1 NJRC-NJU6416FC1 Datasheet
289Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com