Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8743 Datasheet (PDF) - Maxim Integrated Products

MAX8743 Datasheet PDF - Maxim Integrated Products
Part # MAX8743
Download  MAX8743 Download
File Size   864.84 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown

MAX8743 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8743 Datasheet PDF - Maxim Integrated Products

Part # MAX8743
Download  MAX8743 Click to download

File Size   864.84 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown

MAX8743 Datasheet (HTML) - Maxim Integrated Products


MAX8743 Product details

General Description
The MAX8743 is a dual pulse-width modulation (PWM) controller configured for step-down (buck) topologies that provides the high efficiency, excellent transient response, and high DC output accuracy necessary for stepping down high-voltage batteries to generate lowvoltage chipset and RAM power supplies in notebook computers. The CS_ inputs can be used with low-side sense resistors to provide accurate current limits or can be connected to LX_, using low-side MOSFETs as current-sense elements. High output impedance in shutdown eliminates negative output voltages, saving the cost of a Schottky diode at the output.

Features
♦ Ultra-High Efficiency
♦ Accurate Current-Limit Option
♦ Quick-PWM™ with 100ns Load-Step Response
♦ 1% VOUT Accuracy over Line and Load
♦ High Output Impedance in Shutdown
♦ Dual Mode™ Fixed 1.8V/1.5V/Adj or 2.5V/Adj Outputs
♦ Adjustable 1V to 5.5V Output Range
♦ 2V to 28V Battery Input Range
♦ 200kHz/300kHz/420kHz/540kHz Nominal Switching Frequency
♦ Adjustable Overvoltage Protection
♦ 1.7ms Digital Soft-Start
♦ Drives Large Synchronous-Rectifier FETs
♦ Power-Good Window Comparator
♦ 2V ±1% Reference Output

Applications
    Notebook Computers
    CPU Core Supplies
    Chipset/RAM Supplies as Low as 1V
    1.8V and 2.5V I/O Supplies




Similar Part No. - MAX8743

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX874 MAXIM-MAX874 Datasheet
112Kb / 8P
10關A, Low-Dropout, Precision Voltage References
Rev 2; 6/97
MAX8740 MAXIM-MAX8740 Datasheet
341Kb / 12P
TFT-LCD Step-Up DC-DC Converter
Rev 0; 5/05
MAX8740ETB MAXIM-MAX8740ETB Datasheet
341Kb / 12P
TFT-LCD Step-Up DC-DC Converter
Rev 0; 5/05
MAX8741 MAXIM-MAX8741 Datasheet
1,000Kb / 33P
500kHz Multi-Output Power-Supply Controllers with High Impedance in Shutdown
Rev 0; 4/04
MAX8741EAI MAXIM-MAX8741EAI Datasheet
1,000Kb / 33P
500kHz Multi-Output Power-Supply Controllers with High Impedance in Shutdown
Rev 0; 4/04
More results


Similar Description - MAX8743

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1845 MAXIM-MAX1845 Datasheet
543Kb / 27P
Dual, High-Efficiency, Step-Down Controller with Accurate Current Limit
19-1955; Rev 2; 1/03
logo
List of Unclassifed Man...
SS6578 ETC-SS6578 Datasheet
221Kb / 11P
HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
logo
Semtech Corporation
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
High Efficiency Synchronous, Step Down Controller
logo
Eutech Microelectronics...
EUP7117 EUTECH-EUP7117 Datasheet
108Kb / 1P
High Efficiency, Synchronous Step-Down Controller
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
High-Efficiency, Step-Down DC/DC Controller
logo
Rohm
BD9012KV ROHM-BD9012KV Datasheet
300Kb / 17P
Dual-output, high voltage, high-efficiency step-down switching controller
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
STMicroelectronics
AN2815 STMICROELECTRONICS-AN2815 Datasheet
2Mb / 42P
High-efficiency step-down controller
20-Aug-2008
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
High-efficiency step-down controller
20-Aug-2008
logo
Maxim Integrated Produc...
MAX1774 MAXIM-MAX1774_V01 Datasheet
568Kb / 21P
Dual, High-Efficiency, Step-Down
2003
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com