Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX874 Datasheet (PDF) - Maxim Integrated Products

MAX874 Datasheet PDF - Maxim Integrated Products
Part # MAX874
Download  MAX874 Download
File Size   112.78 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10關A, Low-Dropout, Precision Voltage References

MAX874 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX874 Datasheet PDF - Maxim Integrated Products

Part # MAX874
Download  MAX874 Click to download

File Size   112.78 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10關A, Low-Dropout, Precision Voltage References

MAX874 Datasheet (HTML) - Maxim Integrated Products


MAX874 Product details

General Description
The MAX872/MAX874 precision 2.5V and 4.096V micro-power voltage references consume a maximum of only 10µA and operate from supply voltages up to 20V.
   
Features
♦ Output Voltage
    2.500V ±0.2% (MAX872)
    4.096V ±0.2% (MAX874)
♦ Wide Operating Voltage Range
    2.7V to 20V (MAX872)
    4.3V to 20V (MAX874)
♦ 10µA Max Supply Current
♦ 40ppm/°C Max Drift Over Extended Temp. Range
♦ Line Regulation Over Temp.
    20µV/V (MAX872)
    75µV/V (MAX874)
♦ Load Regulation Over Temp.
    0.6mV/mA Max (MAX872)
    1.0mV/mA Max (MAX874)
♦ ±500µA Sink/Source Current
   
Applications
    Hand-Held Instruments
    Battery-Operated Equipment
    Power Supplies
   




Similar Part No. - MAX874

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8740 MAXIM-MAX8740 Datasheet
341Kb / 12P
TFT-LCD Step-Up DC-DC Converter
Rev 0; 5/05
MAX8740ETB MAXIM-MAX8740ETB Datasheet
341Kb / 12P
TFT-LCD Step-Up DC-DC Converter
Rev 0; 5/05
MAX8741 MAXIM-MAX8741 Datasheet
1,000Kb / 33P
500kHz Multi-Output Power-Supply Controllers with High Impedance in Shutdown
Rev 0; 4/04
MAX8741EAI MAXIM-MAX8741EAI Datasheet
1,000Kb / 33P
500kHz Multi-Output Power-Supply Controllers with High Impedance in Shutdown
Rev 0; 4/04
MAX8741ETJ MAXIM-MAX8741ETJ Datasheet
1,000Kb / 33P
500kHz Multi-Output Power-Supply Controllers with High Impedance in Shutdown
Rev 0; 4/04
More results


Similar Description - MAX874

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1404 ONSEMI-MC1404 Datasheet
105Kb / 8P
PRECISION LOW DRIFT VOLTAGE REFERENCES
REV 2
logo
Maxim Integrated Produc...
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
Precision Micropower, Low Dropout Voltage References
1/03-Data Sheet changed from REV. D to REV. E.
REF19X AD-REF19X Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6025 MAXIM-MAX6025 Datasheet
274Kb / 14P
Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
Precision Voltage References
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
Precision Voltage References
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com