Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M541 Datasheet (PDF) - OKI electronic componets

M541 Datasheet PDF - OKI electronic componets
Part # M541
Download  M541 Download
File Size   170.29 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,214-Word x 12-Bit Field Memory

M541 Datasheet (PDF)

Go To PDF Page Download Datasheet
M541 Datasheet PDF - OKI electronic componets

Part # M541
Download  M541 Click to download

File Size   170.29 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,214-Word x 12-Bit Field Memory

M541 Datasheet (HTML) - OKI electronic componets


M541 Product details

DESCRIPTION

The OKI MSM5412222 is a high performance 3-Mbit, 256K · 12-bit, Field Memory. It is especially designed for high-speed serial access applications such as HDTVs, conventional NTSC TVs, VTRs, digital movies and Multi-media systems. MSM5412222 is a FRAM for wide or low end use in general commodity TVs and VTRs exclusively. MSM5412222 is not designed for high end use in medical systems, professional graphics systems which require long term picture storage, data storage systems and others. Two or more MSM5412222s can be cascaded directly without any delay devices between them. (Cascading provides larger storage depth or a longer delay).

Each of the 12-bit planes has separate serial write and read ports. These employ independent control clocks to support asynchronous read and write operations. Different clock rates are also supported, which allow alternate data rates between write and read data streams.



FEATURES

• Single power supply : 5 V ±10%

• 512 Rows · 512 Columns · 12 bits

• Fast FIFO (First-In First-Out) operation

• High speed asynchronous serial access

   Read/write cycle time 25 ns/30 ns

   Access time 23 ns/25 ns

• Direct cascading capability

• Write mask function (Input enable control)

• Data skipping function (Output enable control)

• Self refresh (No refresh control is required)

• Package options:

   44-pin 400 mil plastic TSOP (Type II) (TSOPII44-P-400-0.80-K) (Product : MSM5412222-xxTS-K)

   40-pin 400 mil plastic SOJ (SOJ40-P-400-1.27)                     (Product : MSM5412222-xxJS)

                                                                      xx indicates speed rank.



 




Similar Part No. - M541

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M541 MITSUBISHI-M541 Datasheet
196Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
logo
National Semiconductor ...
M541 NSC-M541 Datasheet
120Kb / 6P
Dual 4-Line to 1-Line Data Selectors/Multiplexers
M541 NSC-M541 Datasheet
130Kb / 6P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
Sanken electric
M541 SANKEN-M541 Datasheet
43Kb / 2P
TO-220F 5A Triac
logo
M/A-COM Technology Solu...
M541 MA-COM-M541 Datasheet
231Kb / 9P
Bonding, Handling, and Mounting Procedures for Chip Diode Devices
More results


Similar Description - M541

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
262,214-Word x 8-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
262,214-Word x 12-Bit Field Memory
MSM54V12222A OKI-MSM54V12222A Datasheet
246Kb / 14P
262,214 Words x 12 Bits FIELD MEMORY
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
262,214-Word 횞 12-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
262,214-Word X 8-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
262,214-Word 횞 12-Bit Field Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com