Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M541 Datasheet(PDF) 7 Page - OKI electronic componets

Part # M541
Description  262,214-Word x 12-Bit Field Memory
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

M541 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button M541 Datasheet HTML 3Page - OKI electronic componets M541 Datasheet HTML 4Page - OKI electronic componets M541 Datasheet HTML 5Page - OKI electronic componets M541 Datasheet HTML 6Page - OKI electronic componets M541 Datasheet HTML 7Page - OKI electronic componets M541 Datasheet HTML 8Page - OKI electronic componets M541 Datasheet HTML 9Page - OKI electronic componets M541 Datasheet HTML 10Page - OKI electronic componets M541 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
¡ Semiconductor
MSM5412222
7/15
Power-up and Initialization
On power-up, the device is designed to begin proper operation after at least 100 ms after VCC has
stabilized to a value within the range of recommended operating conditions. After this 100 ms
stabilization interval, the following initialization sequence must be performed.
Because the read and write address counters are not valid after power-up, a minimum of 80
dummy write operations (SWCK cycles) and read operations (SRCK cycles) must be performed,
followed by an RSTW operation and an RSTR operation, to properly initialize the write and the
read address pointer. Dummy write cycles/RSTW and dummy read cycles/RSTR may occur
simultaneously.
If these dummy read and write operations start while VCC and/or the substrate voltage has not
stabilized, it is necessary to perform an RSTR operation plus a minimum of 80 SRCK cycles plus
another RSTR operation, and an RSTW operation plus a minimum of 80 SRCK cycles plus
another RSTW operation to properly initialize read and write address pointers.
Old/New Data Access
There must be a minimum delay of 600 SWCK cycles between writing into memory and reading
out from memory. If reading from the first field starts with an RSTR operation, before the start
of writing the second field (before the next RSTW operation), then the data just written will be
read out.
The start of reading out the first field of data may be delayed past the beginning of writing in the
second field of data for as many as 70 SWCK cycles. If the RSTR operation for the first field read-
out occurs less than 70 SWCK cycles after the RSTW operation for the second field write-in, then
the internal buffering of the device assures that the first field will still be read out. The first field
of data that is read out while the second field of data is written is called “old data”.
In order to read out “new data”, i.e., the second field written in, the delay between an RSTW
operation and an RSTR operation must be at least 600 SRCK cycles. If the delay between RSTW
and RSTR operations is more than 71 but less than 600 cycles, then the data read out will be
undetermined. It may be “old data” or “new” data, or a combination of old and new data. Such
a timing should be avoided.
Cascade Operation
The MSM5412222 is designed to allow easy cascading of multiple memory devices. This provides
higher storage depth, or a longer delay than can be achieved with only one memory device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com