Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTOP Datasheet (PDF) - Vishay Siliconix

RTOP Datasheet PDF - Vishay Siliconix
Part # RTOP
Download  RTOP Download
File Size   462.57 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Resistors for Mounting onto a Heatsink Thick Film Technology

RTOP Datasheet (PDF)

Go To PDF Page Download Datasheet
RTOP Datasheet PDF - Vishay Siliconix

Part # RTOP
Download  RTOP Click to download

File Size   462.57 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Resistors for Mounting onto a Heatsink Thick Film Technology

RTOP Datasheet (HTML) - Vishay Siliconix


RTOP Product details

Power Resistors for Mounting Onto a Heatsink Thick Film Technology

This series of thick film power resistors include modules which can incorporate up to 2 different resistor values in the same SOT-227B package. Two types of terminations are available along with a 4 terminal device for measurement applications in the case of the single resistor version. This product range benefits from Vishay Sfernice’s experience in thick film power resistor technology i.e. high power: volume ratio, low tolerance or individual resistors and excellent overload capabilities (due to the trimming technique).

FEATURES
• 1 % tolerance available
• High power rating = 200 W
• Wide ohmic value range = 0.046 Ω to 1 MΩ
• Non inductive
• Easy mounting
• Low thermal radiation of the case
• Standard isotope case (SOT-227 B)
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912




Similar Part No. - RTOP

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
Stainless steel pressure sensors
RTOP003A2 SENSORTECHNICS-RTOP003A2 Datasheet
190Kb / 6P
Stainless steel pressure sensors
RTOP003A7 SENSORTECHNICS-RTOP003A7 Datasheet
190Kb / 6P
Stainless steel pressure sensors
RTOP003G1 SENSORTECHNICS-RTOP003G1 Datasheet
190Kb / 6P
Stainless steel pressure sensors
RTOP003G2 SENSORTECHNICS-RTOP003G2 Datasheet
190Kb / 6P
Stainless steel pressure sensors
More results


Similar Description - RTOP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RPS500 VISHAY-RPS500 Datasheet
279Kb / 4P
Power Resistors for Mounting onto a Heatsink Thick Film Technology
14-Jan-05
LPS300 VISHAY-LPS300 Datasheet
328Kb / 4P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
09-Jun-10
LPS600 VISHAY-LPS600 Datasheet
146Kb / 4P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
27-Oct-10
LPS300 VISHAY-LPS300_15 Datasheet
126Kb / 5P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
24-Oct-13
LPS600 VISHAY-LPS600_15 Datasheet
128Kb / 5P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
24-Oct-13
LPS1100 VISHAY-LPS1100_15 Datasheet
100Kb / 5P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
24-Oct-13
RPS250 VISHAY-RPS250_15 Datasheet
93Kb / 4P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
12-Dec-14
RTOP VISHAY-RTOP_15 Datasheet
156Kb / 6P
Power Resistors for Mounting onto a Heatsink Thick Film Technology
09-Nov-15
LPS-1100 VISHAY-LPS-1100 Datasheet
111Kb / 5P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
24-Oct-13
LPSA800 VISHAY-LPSA800_V01 Datasheet
113Kb / 6P
Power Resistor for Mounting Onto a Heatsink Thick Film Technology
10-Nov-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com