Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTOP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RTOP
Description  Power Resistors for Mounting onto a Heatsink Thick Film Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RTOP Datasheet(HTML) 1 Page - Vishay Siliconix

  RTOP Datasheet HTML 1Page - Vishay Siliconix RTOP Datasheet HTML 2Page - Vishay Siliconix RTOP Datasheet HTML 3Page - Vishay Siliconix RTOP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
27
RTOP
Vishay Sfernice
Document Number: 50045
Revision 14-Jan-04
For technical questions, contact sfer@vishay.com
MECHANICAL SPECIFICATIONS
Mechanical Protection
Insulated case
Substrate
Alumina on insulated base
Resistive Element
Cermet
End Connection
V connections: screw M4 x 6
Tightening Torque Connections 1 Nm
Tightening Torque Heatsink 2 Nm
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55°C to + 125°C
Climatic Category
55/125/56
Power Resistors for Mounting onto a Heatsink
Thick Film Technology
FEATURES
• 1% tolerance available
• High power rating
• Wide ohmic value range
• Non inductive
• Easy mounting
• Low thermal radiation of the case
• Standard Isotop case (SOT 227 B)
This series of thick film power resistors include modules which can incorporate up to 2 different resistor values in the same SOT
227B package. Two types of terminations are available along with a 4 terminal device for measurement applications in the case
of the single resistor version. This product range benefits from Vishay Sfernice’s experience in thick film power resistor technol-
ogy i.e high power: volume ratio, low tolerance or individual resistors and excellent overload capabilities (due to the trimming
technique).
V Connections
RTOP
• Tolerances unless otherwise specified: ± 0.3mm
DIMENSIONS in millimeters
Resistance Range
0.046 to 1MΩ
Standard Tolerance
± 1% to ± 10%
Power Rating
50W to 200W at + 25°C
Temperature Coefficient
Standard
± 300 ppm/˚C (R < 1)
± 150 ppm/˚C (R > 1)
Insulation Resistance
> 106MΩ
ELECTRICAL SPECIFICATIONS


Similar Part No. - RTOP

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
Stainless steel pressure sensors
RTOP003A2 SENSORTECHNICS-RTOP003A2 Datasheet
190Kb / 6P
Stainless steel pressure sensors
RTOP003A7 SENSORTECHNICS-RTOP003A7 Datasheet
190Kb / 6P
Stainless steel pressure sensors
RTOP003G1 SENSORTECHNICS-RTOP003G1 Datasheet
190Kb / 6P
Stainless steel pressure sensors
RTOP003G2 SENSORTECHNICS-RTOP003G2 Datasheet
190Kb / 6P
Stainless steel pressure sensors
More results

Similar Description - RTOP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RPS500 VISHAY-RPS500 Datasheet
279Kb / 4P
Power Resistors for Mounting onto a Heatsink Thick Film Technology
14-Jan-05
LPS300 VISHAY-LPS300 Datasheet
328Kb / 4P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
09-Jun-10
LPS600 VISHAY-LPS600 Datasheet
146Kb / 4P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
27-Oct-10
LPS300 VISHAY-LPS300_15 Datasheet
126Kb / 5P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
24-Oct-13
LPS600 VISHAY-LPS600_15 Datasheet
128Kb / 5P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
24-Oct-13
LPS1100 VISHAY-LPS1100_15 Datasheet
100Kb / 5P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
24-Oct-13
RPS250 VISHAY-RPS250_15 Datasheet
93Kb / 4P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
12-Dec-14
RTOP VISHAY-RTOP_15 Datasheet
156Kb / 6P
Power Resistors for Mounting onto a Heatsink Thick Film Technology
09-Nov-15
LPS-1100 VISHAY-LPS-1100 Datasheet
111Kb / 5P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
24-Oct-13
LPSA800 VISHAY-LPSA800_V01 Datasheet
113Kb / 6P
Power Resistor for Mounting Onto a Heatsink Thick Film Technology
10-Nov-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com