Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5718B70 Datasheet (PDF) - OKI electronic componets

MSM5718B70 Datasheet PDF - OKI electronic componets
Part # MSM5718B70
Download  MSM5718B70 Download
File Size   260.42 Kbytes
Page   40 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 18-Megabit RDRAM (2M x 9)

MSM5718B70 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM5718B70 Datasheet PDF - OKI electronic componets

Part # MSM5718B70
Download  MSM5718B70 Click to download

File Size   260.42 Kbytes
Page   40 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 18-Megabit RDRAM (2M x 9)

MSM5718B70 Datasheet (HTML) - OKI electronic componets


MSM5718B70 Product details

DESCRIPTION
The 18-Megabit Rambus™ DRAM (RDRAM™) is an extremely high-speed CMOS DRAM organized as 2M words by 9 bits. It is capable of bursting up to 256 bytes of data at less than 2 nanoseconds per byte. The use of Rambus Signaling Logic (RSL) technology makes transfer rates greater than 500 MHz achievable while using conventional system and board design methodologies. Lower effective latency is attained by operating the dual 2KByte sense amplifiers as high speed caches, and by using random access mode to facilitate large block transfers.

FEATURES
• Rambus Interface:
    Over 500 MB/sec peak transfer rate per RDRAM
    Rambus Signaling Logic (RSL) interface
    Synchronous protocol for fast block-oriented transfers
    Direct connection to Rambus ASICs, MPUs, and Peripherals
    15 active signals require just 32 total pins on the controller interface (including power)
    3.3 V operation
    Additional/multiple Rambus Channels provide an additional 500 MB/second band-width each
• Dual 2KByte sense amplifiers may be operated as caches for low latency access
• Random Access mode enables any burst order at full band width
• Features for graphics include random-access mode, write-per-bit and mask-per-bit operations
• Control and refresh logic entirely self-contained
• On-chip registers for flexible addressing and timing
• Available in horizontal surface mount plastic package (SHP32-P-1125-0.65-K)




Similar Part No. - MSM5718B70

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5718C50 OKI-MSM5718C50 Datasheet
549Kb / 46P
18Mb (2M x 9) & 64Mb (8M x 8) Concurrent RDRAM
More results


Similar Description - MSM5718B70

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5718C50 OKI-MSM5718C50 Datasheet
549Kb / 46P
18Mb (2M x 9) & 64Mb (8M x 8) Concurrent RDRAM
logo
Samsung semiconductor
K4R881869M SAMSUNG-K4R881869M Datasheet
3Mb / 64P
288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
logo
ATMEL Corporation
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
32-megabit (2M x 16) 3-volt Only Flash Memory
logo
Cypress Semiconductor
CY7C1484V33 CYPRESS-CY7C1484V33 Datasheet
507Kb / 29P
2M x 36/4M x 18 Pipelined DCD SRAM
logo
GSI Technology
GS8640E18T-V GSI-GS8640E18T-V Datasheet
926Kb / 23P
4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS8640V18T GSI-GS8640V18T Datasheet
594Kb / 23P
4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS864018T GSI-GS864018T Datasheet
979Kb / 24P
4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS864018T-V GSI-GS864018T-V Datasheet
927Kb / 23P
4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
logo
ATMEL Corporation
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320S ATMEL-AT49BV320S Datasheet
188Kb / 6P
32-megabit (2M x 16) Secure 3-volt Only Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com