Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5718C50 Datasheet (PDF) - OKI electronic componets

MSM5718C50 Datasheet PDF - OKI electronic componets
Part # MSM5718C50
Download  MSM5718C50 Download
File Size   549.61 Kbytes
Page   46 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 18Mb (2M x 9) & 64Mb (8M x 8) Concurrent RDRAM

MSM5718C50 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM5718C50 Datasheet PDF - OKI electronic componets

Part # MSM5718C50
Download  MSM5718C50 Click to download

File Size   549.61 Kbytes
Page   46 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 18Mb (2M x 9) & 64Mb (8M x 8) Concurrent RDRAM

MSM5718C50 Datasheet (HTML) - OKI electronic componets


MSM5718C50 Product details

DESCRIPTION
The 18/64-Megabit Concurrent Rambus™ DRAMs (RDRAM®) are extremely high-speed CMOS DRAMs organized as 2M or 8M words by 8 or 9 bits. They are capable of bursting unlimited lengths of data at 1.67 ns per byte (13.3 ns per eight bytes). The use of Rambus Signaling Level (RSL) technology permits 600 MHz transfer rates while using conventional system and board design methodologies. Low effective latency is attained by operating the two or four 2KB sense amplifiers as high speed caches, and by using random access mode (page mode) to facilitate large block transfers. Concurrent (simultaneous) bank operations permit high effective bandwidth using interleaved transactions.

FEATURES
• Compatible with Base RDRAMs
• 600 MB/s peak transfer rate per RDRAM
• Rambus Signaling Level (RSL) interface
• Synchronous, concurrent protocol for block-oriented, interleaved (overlapped) transfers
• 480 MB/s effective bandwidth for random 32 byte transfers from one RDRAM
• 13 active signals require just 32 total pins on the controller interface (including power)
• 3.3 V operation
• Additional/multiple Rambus Channels each provide an additional 600 MB/s bandwidth
• Two or four 2KByte sense amplifiers may be operated as caches for low latency access
• Random access mode enables any burst order at full bandwidth within a page
• Graphics features include write-per-bit and mask-per-bit operations
• Available in horizontal surface mount plastic package (SHP32-P-1125-0.65-K)




Similar Part No. - MSM5718C50

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5718B70 OKI-MSM5718B70 Datasheet
260Kb / 40P
18-Megabit RDRAM (2M x 9)
More results


Similar Description - MSM5718C50

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5718B70 OKI-MSM5718B70 Datasheet
260Kb / 40P
18-Megabit RDRAM (2M x 9)
logo
fujitsu semiconductor
MB84VA2000 FUJITSU-MB84VA2000 Datasheet
348Kb / 29P
8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM
MB84VA2002 FUJITSU-MB84VA2002 Datasheet
393Kb / 29P
8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
MB84VD2002 FUJITSU-MB84VD2002 Datasheet
423Kb / 30P
8M (x 8/x 16) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VD2008 FUJITSU-MB84VD2008 Datasheet
393Kb / 30P
8M (x 16) FLASH MEMORY & 2M (x 16) STATIC RAM
logo
White Electronic Design...
WED3DG649V-D2 WEDC-WED3DG649V-D2 Datasheet
116Kb / 5P
64MB- 8M x 64 SDRAM UNBUFFERED
logo
Taiwan Memory Technolog...
T4312816B TMT-T4312816B Datasheet
665Kb / 70P
8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
logo
Renesas Technology Corp
R1WV6416R RENESAS-R1WV6416R Datasheet
202Kb / 18P
64Mb Advanced LPSRAM (4M word x 16bit / 8M word x 8bit)
R1WV6416R RENESAS-R1WV6416R_15 Datasheet
152Kb / 20P
64Mb Advanced LPSRAM (4M word x 16bit / 8M word x 8bit)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com