Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTFB201402FC Datasheet (PDF) - Cree, Inc

PTFB201402FC Datasheet PDF - Cree, Inc
Part # PTFB201402FC
Download  PTFB201402FC Download
File Size   595.53 Kbytes
Page   14 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description High Power RF LDMOS Field Effect Transistor 140 W, 28 V, 2010 - 2025 MHz

PTFB201402FC Datasheet (PDF)

Go To PDF Page Download Datasheet
PTFB201402FC Datasheet PDF - Cree, Inc

Part # PTFB201402FC
Download  PTFB201402FC Click to download

File Size   595.53 Kbytes
Page   14 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description High Power RF LDMOS Field Effect Transistor 140 W, 28 V, 2010 - 2025 MHz

PTFB201402FC Datasheet (HTML) - Cree, Inc


PTFB201402FC Product details

Description
The PTFB201402FC integrates two 70 W LDMOS FETs into one open-cavity ceramic package. It is designed primarily for Doherty cellular amplifier applications in the 2010 to 2025 MHz frequency band. Manufactured with Wolfspeed’s advanced LDMOS process, this device offers excellent thermal performance and superior reliability.

Features
• Broadband internal matching
• Typical CW performance, 28 V, single side
   - Output power, P1dB = 70 W
   - Efficiency = 56%
• Integrated ESD protection
• Excellent thermal stability
• Capable of handling 10:1 VSWR @ 28 V, 70 W
   (CW) output power, per side
• Pb-free and RoHS-compliant




Similar Part No. - PTFB201402FC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB201402FC INFINEON-PTFB201402FC Datasheet
841Kb / 14P
High Power RF LDMOS Field Effect Transistor
Rev. 03.1, 2016-06-14
PTFB201402FCV1R0 INFINEON-PTFB201402FCV1R0 Datasheet
841Kb / 14P
High Power RF LDMOS Field Effect Transistor
Rev. 03.1, 2016-06-14
PTFB201402FCV1R0XTMA1 INFINEON-PTFB201402FCV1R0XTMA1 Datasheet
841Kb / 14P
High Power RF LDMOS Field Effect Transistor
Rev. 03.1, 2016-06-14
PTFB201402FCV1R250 INFINEON-PTFB201402FCV1R250 Datasheet
841Kb / 14P
High Power RF LDMOS Field Effect Transistor
Rev. 03.1, 2016-06-14
PTFB201402FCV1R250XTMA1 INFINEON-PTFB201402FCV1R250XTMA1 Datasheet
841Kb / 14P
High Power RF LDMOS Field Effect Transistor
Rev. 03.1, 2016-06-14
More results


Similar Description - PTFB201402FC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB241402F INFINEON-PTFB241402F Datasheet
556Kb / 13P
High Power RF LDMOS Field Effect Transistor 140 W, 2300 ??2400 MHz
Rev. 03, 2010-04-19
PXAC243502FV INFINEON-PXAC243502FV_16 Datasheet
1Mb / 10P
High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Rev. 03.2, 2016-06-22
PXAC201602FC INFINEON-PXAC201602FC Datasheet
402Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 140 W, 28 V, 1880 ??1920 MHz, 2010 ??2025 MHz
Rev. 04.1, 2016-07-19
PTFC270101M INFINEON-PTFC270101M_16 Datasheet
410Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
Rev. 04.1, 2016-07-26
PTFB241402F INFINEON-PTFB241402F_16 Datasheet
810Kb / 13P
High Power RF LDMOS Field Effect Transistor 140 W, 2300 ??2400 MHz
Rev. 04.1, 2016-06-15
PTFA220121M INFINEON-PTFA220121M_15 Datasheet
381Kb / 21P
High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
Rev. 10, 2015-10-23
logo
Cree, Inc
PTFC270051M CREE-PTFC270051M Datasheet
745Kb / 14P
High Power RF LDMOS Field Effect Transistor 5 W, 28 V, 900 ??2700 MHz
PTFC270101M CREE-PTFC270101M Datasheet
970Kb / 22P
High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 ??2700 MHz
PTFA220121M CREE-PTFA220121M Datasheet
955Kb / 21P
High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
PXAC201602FC CREE-PXAC201602FC Datasheet
529Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 140 W, 28 V, 1880 - 1920 MHz, 2010 - 2025 MHz
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com