Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTFB201402FC Datasheet (PDF) - Infineon Technologies AG

PTFB201402FC Datasheet PDF - Infineon Technologies AG
Part # PTFB201402FC
Download  PTFB201402FC Download
File Size   841.14 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Power RF LDMOS Field Effect Transistor

PTFB201402FC Datasheet (PDF)

Go To PDF Page Download Datasheet
PTFB201402FC Datasheet PDF - Infineon Technologies AG

Part # PTFB201402FC
Download  PTFB201402FC Click to download

File Size   841.14 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Power RF LDMOS Field Effect Transistor

PTFB201402FC Datasheet (HTML) - Infineon Technologies AG


PTFB201402FC Product details

Description
The PTFB201402FC integrates two 70 W LDMOS FETs into one open-cavity ceramic package. It is designed primarily for Doherty cellular amplifier applications in the 2010 to 2025 MHz frequency band. Manufactured with Infineon’s advanced LDMOS process, this device offers excellent thermal performance and superior reliability.

Features
• Broadband internal matching
• Typical CW performance, 28 V, single side
   - Output power, P1dB = 70 W
   - Efficiency = 56%
• Integrated ESD protection
• Excellent thermal stability
• Capable of handling 10:1 VSWR @ 28 V, 70 W
   (CW) output power, per side
• Pb-free and RoHS-compliant




Similar Part No. - PTFB201402FC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB201402FC CREE-PTFB201402FC Datasheet
595Kb / 14P
High Power RF LDMOS Field Effect Transistor 140 W, 28 V, 2010 - 2025 MHz
More results


Similar Description - PTFB201402FC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF080101 INFINEON-PTF080101 Datasheet
64Kb / 4P
LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
PTFC270101M INFINEON-PTFC270101M_15 Datasheet
409Kb / 21P
High Power RF LDMOS Field Effect Transistor
Rev. 04, 2015-04-01
PXAC243502FV INFINEON-PXAC243502FV_15 Datasheet
1Mb / 10P
High Power RF LDMOS Field Effect Transistor
Rev. 03.1, 2015-04-13
PTFB183408SV INFINEON-PTFB183408SV Datasheet
248Kb / 15P
High Power RF LDMOS Field Effect Transistor
Rev. 03, 2014-03-07
logo
Renesas Technology Corp
NEM090303M-28 RENESAS-NEM090303M-28 Datasheet
295Kb / 12P
LDMOS FIELD EFFECT TRANSISTOR
2003
NEM090603M-28 RENESAS-NEM090603M-28 Datasheet
302Kb / 11P
LDMOS FIELD EFFECT TRANSISTOR
2006
NEM090853P-28 RENESAS-NEM090853P-28 Datasheet
283Kb / 10P
LDMOS FIELD EFFECT TRANSISTOR
2004
NEM091203P-28 RENESAS-NEM091203P-28 Datasheet
310Kb / 13P
LDMOS FIELD EFFECT TRANSISTOR
2005
NEM091603P-28 RENESAS-NEM091603P-28 Datasheet
306Kb / 11P
LDMOS FIELD EFFECT TRANSISTOR
2008
NEM091803S-28 RENESAS-NEM091803S-28 Datasheet
271Kb / 9P
LDMOS FIELD EFFECT TRANSISTOR
2004
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com