Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF080101 Datasheet (PDF) - Infineon Technologies AG

PTF080101 Datasheet PDF - Infineon Technologies AG
Part # PTF080101
Download  PTF080101 Download
File Size   64.14 Kbytes
Page   4 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ

PTF080101 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTF080101 Datasheet PDF - Infineon Technologies AG

Part # PTF080101
Download  PTF080101 Click to download

File Size   64.14 Kbytes
Page   4 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ

PTF080101 Datasheet (HTML) - Infineon Technologies AG


PTF080101 Product details

Description
The PTF080101 is a 10 W, internally matched GOLDMOS FET intended for EDGE applications in the 860 to 960 MHz band. Full gold metallization ensures excellent device lifetime and reliability.

Features
• Broadband internal matching
• Typical EDGE performance
  - Average output power = 4.0 W
  - Gain = 19 dB
  - Efficiency = 31%
• Typical CW performance
  - Output power at P–1dB = 13 W
  - Gain = 18 dB
- Efficiency = 55%
• Integrated ESD protection: Human Body Model, Class 1 (minimum)
• Excellent thermal stability
• Low HCI drift
• Capable of handling 10:1 VSWR @ 28 V, 10 W (CW) output power




Similar Part No. - PTF080101

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF080101M INFINEON-PTF080101M Datasheet
258Kb / 8P
High Power RF LDMOS Field Effect Transistor 10 W, 450 ??960 MHz
Rev. 02.1, 2009-02-18
PTF080101S INFINEON-PTF080101S Datasheet
172Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 10 W, 860 - 960 MHz
2004-10-05
More results


Similar Description - PTF080101

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTF10100 ERICSSON-PTF10100 Datasheet
163Kb / 6P
165 Watts, 860-900 MHz LDMOS Field Effect Transistor
logo
Infineon Technologies A...
PTF080601 INFINEON-PTF080601 Datasheet
293Kb / 6P
LDMOS RF Power Field Effect Transistor 60 W, 860-960 MHz
2003-12-05
PTFC270101M INFINEON-PTFC270101M_15 Datasheet
409Kb / 21P
High Power RF LDMOS Field Effect Transistor
Rev. 04, 2015-04-01
PXAC243502FV INFINEON-PXAC243502FV_15 Datasheet
1Mb / 10P
High Power RF LDMOS Field Effect Transistor
Rev. 03.1, 2015-04-13
PTFB183408SV INFINEON-PTFB183408SV Datasheet
248Kb / 15P
High Power RF LDMOS Field Effect Transistor
Rev. 03, 2014-03-07
PTFB201402FC INFINEON-PTFB201402FC Datasheet
841Kb / 14P
High Power RF LDMOS Field Effect Transistor
Rev. 03.1, 2016-06-14
logo
Renesas Technology Corp
NEM090303M-28 RENESAS-NEM090303M-28 Datasheet
295Kb / 12P
LDMOS FIELD EFFECT TRANSISTOR
2003
NEM090603M-28 RENESAS-NEM090603M-28 Datasheet
302Kb / 11P
LDMOS FIELD EFFECT TRANSISTOR
2006
NEM090853P-28 RENESAS-NEM090853P-28 Datasheet
283Kb / 10P
LDMOS FIELD EFFECT TRANSISTOR
2004
NEM091803S-28 RENESAS-NEM091803S-28 Datasheet
271Kb / 9P
LDMOS FIELD EFFECT TRANSISTOR
2004
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com