Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-7723 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-7723 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-7723
Download  HCPL-7723 Download
File Size   249.45 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 50 MBd 2 ns PWD High Speed CMOS Optocoupler

HCPL-7723 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-7723 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-7723
Download  HCPL-7723 Click to download

File Size   249.45 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 50 MBd 2 ns PWD High Speed CMOS Optocoupler

HCPL-7723 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-7723 Product details

Description

Available in either 8-pin DIP or SO-8 package style respectively, the HCPL-7723 or HCPL-0723 optocoupler utilize the latest CMOS IC technology to achieve out standing speed performance of minimum 50 MBd data rate and 2 ns maximum pulse width distortion.



Features

• +5 V CMOS compatibility

• High speed: 50 MBd min.

• 2 ns max. pulse width distortion

• 22 ns max. prop. delay

• 16 ns max. prop. delay skew

• 10 kV/µs min. common mode rejection

• –40 to 85°C temperature range

• Safety and regulatory approvals (Pending)

  UL recognized

    – 3750 V rms for 1 min. per UL1577 CSA component acceptance notice #5

  IEC/EN/DIN EN 60747-5-2

    – Viorm = 630 Vpeak for HCPL-7723 option 060

    – Viorm = 560 Vpeak for HCPL-0723 option 060



Applications

• Digital fieldbus isolation: CC-Link, DeviceNet, Profibus, SDS Isolated A/D or D/A conversion

• Multiplexed data transmission

• High Speed Digital Input/Output

• Computer peripheral interface

• Microprocessor system interface



 




Similar Part No. - HCPL-7723

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7723 AVAGO-HCPL-7723 Datasheet
229Kb / 12P
50 MBd 2 ns PWD High Speed CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-7723 BOARDCOM-HCPL-7723 Datasheet
101Kb / 2P
Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7723-000E AVAGO-HCPL-7723-000E Datasheet
196Kb / 12P
50 MBd 2 ns PWD High Speed CMOS Optocoupler
HCPL-7723-020 AVAGO-HCPL-7723-020 Datasheet
196Kb / 12P
50 MBd 2 ns PWD High Speed CMOS Optocoupler
HCPL-7723-020E AVAGO-HCPL-7723-020E Datasheet
196Kb / 12P
50 MBd 2 ns PWD High Speed CMOS Optocoupler
More results


Similar Description - HCPL-7723

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
High Speed Optocoupler, 10 Mbd
07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
High Speed Optocoupler, 10 MBd
06-Oct-08
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
High Speed Optocoupler, Dual, 5 MBd
26-Oct-04
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
HCPL-0723-000E AVAGO-HCPL-0723-000E Datasheet
196Kb / 12P
50 MBd 2 ns PWD High Speed CMOS Optocoupler
HCPL-7723 AVAGO-HCPL-7723 Datasheet
229Kb / 12P
50 MBd 2 ns PWD High Speed CMOS Optocoupler
logo
Vishay Siliconix
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
High Speed Optocoupler, 10 Mbd
13-Aug-04
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
High Speed Optocoupler, Dual, 10 MBd
15-Nov-2021
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com