Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH6752 Datasheet (PDF) - Vishay Siliconix

SFH6752 Datasheet PDF - Vishay Siliconix
Part # SFH6752
Download  SFH6752 Download
File Size   153.72 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Optocoupler, 10 Mbd

SFH6752 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH6752 Datasheet PDF - Vishay Siliconix

Part # SFH6752
Download  SFH6752 Click to download

File Size   153.72 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Optocoupler, 10 Mbd

SFH6752 Datasheet (HTML) - Vishay Siliconix


SFH6752 Product details

Description
The 6N137, SFH674x and SFH675x are single channel 10 Mbd optocouplers utilizing a high efficient input LED coupled with an integrated optical photodiode IC detector. The detector has an open drain NMOS-transistor output, providing less leakage compared to an open collector Schottky clamped transistor output.
For the single channel type, an enable function on pin 7 allows the detector to be strobed. The internal shield provides a guaranteed common mode transient immunity of 5 kV/µs for the SFH6741 and SFH6751 and 10 kV/µs for the SFH6742 and SFH6752. The use of a 0.1 µF bypass capacitor connected between pin 5 and 8 is recommended.

Features
• Choice of CMR performance of 10 kV/µs, 5 kV/µs, and 100 V/µs
• High speed: 10 Mbd typical
• + 5 V CMOS compatibility
• Guaranteed AC and DC performance over temperature: - 40 to + 100 °C Temp. Range
• Pure tin leads
• Meets IEC60068-2-42 (SO2) and
   IEC60068-2-43 (H2S) requirements
• Low input current capability: 5 mA
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
   and WEEE 2002/96/EC




Similar Part No. - SFH6752

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6750 VISHAY-SFH6750 Datasheet
183Kb / 11P
High Speed Optocoupler, Dual, 10 MBd
15-Nov-2021
SFH6750-X007T VISHAY-SFH6750-X007T Datasheet
183Kb / 11P
High Speed Optocoupler, Dual, 10 MBd
15-Nov-2021
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
High Speed Optocoupler, Dual, 10 MBd
15-Nov-2021
SFH6755 VISHAY-SFH6755 Datasheet
165Kb / 11P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
26-Aug-13
SFH6755 VISHAY-SFH6755 Datasheet
163Kb / 11P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
26-Aug-13
More results


Similar Description - SFH6752

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
High Speed Optocoupler, 10 Mbd
07-Jun-05
SFH6755T VISHAY-SFH6755T Datasheet
159Kb / 10P
High Speed Optocoupler, 10 MBd SOIC-8 Package
26-Jun-06
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
High Speed Optocoupler, 10 MBd
06-Oct-08
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
06-Oct-08
VOW137 VISHAY-VOW137 Datasheet
193Kb / 12P
Widebody, High Isolation, High Speed Optocoupler, 10 MBd
07-Aug-14
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
High Speed Optocoupler, 10 MBd, SOIC-8
25-Oct-12
VOW2611 VISHAY-VOW2611 Datasheet
191Kb / 12P
Widebody, High Isolation, High Speed Optocoupler, 10 MBd
07-Aug-14
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
High Speed Optocoupler, Dual, 10 MBd
15-Nov-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com