Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH6750 Datasheet (PDF) - Vishay Siliconix

SFH6750 Datasheet PDF - Vishay Siliconix
Part # SFH6750
Download  SFH6750 Download
File Size   183.33 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Optocoupler, Dual, 10 MBd

SFH6750 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH6750 Datasheet PDF - Vishay Siliconix

Part # SFH6750
Download  SFH6750 Click to download

File Size   183.33 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Optocoupler, Dual, 10 MBd

SFH6750 Datasheet (HTML) - Vishay Siliconix


SFH6750 Product details

DESCRIPTION
The SFH675x are single and dual channel 10 MBd
optocouplers utilizing a high efficient input LED coupled with
an integrated optical photodiode IC detector. The detector
has an open drain NMOS-transistor output, providing less
leakage compared to an open collector Schottky clamped
transistor output. For the single channel type, an enable
function on pin 7 allows the detector to be strobed. The
internal shield provides a guaranteed common mode
transient immunity of 100 V/μs for the SFH6750.

FEATURES
• CMR performance of 100 V/μs
• High speed: 10 MBd typical
• +5 V CMOS compatibility
• Pure tin leads
• Guaranteed AC and DC performance over
temperature: -40 °C to +100 °C
• Meets IEC 60068-2-42 (SO2) and IEC 60068-2-43 (H2S)
requirements
• Low input current capability: 5 mA
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Microprocessor system interface
• PLC, ATE input / output isolation
• Computer peripheral interface
• Digital fieldbus isolation: CC-link, DeviceNet, profibus,
SDS
• High speed A/D and D/A conversion
• AC plasma display panel level shifting
• Multiplexed data transmission
• Digital control power supply
• Ground loop elimination

AGENCY APPROVALS
• UL1577 (pending)
• cUL (pending)
• DIN EN 60747-5-5 (VDE 0884) / VDE available with
option 1
• Reinforced insulation rating per IEC60950 2.10.5.1
• CQC




Similar Part No. - SFH6750

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6750 VISHAY-SFH6750 Datasheet
153Kb / 13P
High Speed Optocoupler, 10 Mbd
13-Aug-04
SFH6750-X006 VISHAY-SFH6750-X006 Datasheet
153Kb / 13P
High Speed Optocoupler, 10 Mbd
13-Aug-04
SFH6750-X007 VISHAY-SFH6750-X007 Datasheet
153Kb / 13P
High Speed Optocoupler, 10 Mbd
13-Aug-04
More results


Similar Description - SFH6750

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
High Speed Optocoupler, 10 Mbd
07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
High Speed Optocoupler, 10 MBd
06-Oct-08
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
High Speed Optocoupler, Dual, 5 MBd
26-Oct-04
VO2601-X017T VISHAY-VO2601-X017T Datasheet
211Kb / 10P
High Speed Optocoupler, Single and Dual, 10 MBd
25-Sep-12
VO2611-X007T VISHAY-VO2611-X007T Datasheet
211Kb / 10P
High Speed Optocoupler, Single and Dual, 10 MBd
25-Sep-12
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
High Speed Optocoupler, 10 Mbd
13-Aug-04
6N137 VISHAY-6N137_16 Datasheet
245Kb / 16P
High Speed Optocoupler, Single and Dual, 10 MBd
27-Sep-16
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
VO4661 VISHAY-VO4661_V01 Datasheet
250Kb / 16P
High Speed Optocoupler, Single and Dual, 10 MBd
15-Jan-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com