Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C194B Datasheet (PDF) - Cypress Semiconductor

CY7C194B Datasheet PDF - Cypress Semiconductor
Part # CY7C194B
Download  CY7C194B Download
File Size   256.14 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256 Kb (64K x 4) Static RAM

CY7C194B Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C194B Datasheet PDF - Cypress Semiconductor

Part # CY7C194B
Download  CY7C194B Click to download

File Size   256.14 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256 Kb (64K x 4) Static RAM

CY7C194B Datasheet (HTML) - Cypress Semiconductor


CY7C194B Product details

General Description1
The CY7C194B-CY7C195B is a high-performance CMOS Asynchronous SRAM organized as 64K × 4 bits that supports an asynchronous memory interface. The device features an automatic power-down feature that significantly reduces power consumption when deselected. Output enable (OE) is supported only in CY7C195B.2
See the Truth Table in this data sheet for a complete description of read and write modes.
The CY7C194B-CY7C195B is available in 24 DIP, 24 SOJ, 28 DIP, and 28 SOJ package(s).

Features
• Fast access time: 12 ns, 15 ns, and 25 ns
• Wide voltage range: 5.0V ± 10% (4.5V to 5.5V)
• CMOS for optimum speed/power
• TTL-compatible inputs and outputs
• Available in 24 DIP, 24 SOJ, 28 DIP, and 28 SOJ




Similar Part No. - CY7C194B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C194BN CYPRESS-CY7C194BN Datasheet
397Kb / 10P
256 Kb (64K x 4) Static RAM
CY7C194BN CYPRESS-CY7C194BN Datasheet
460Kb / 15P
256 Kb (64 K 횞 4) Static RAM Wide voltage range: 5.0 V 짹 10% (4.5 V to 5.5 V)
CY7C194BN-15PC CYPRESS-CY7C194BN-15PC Datasheet
397Kb / 10P
256 Kb (64K x 4) Static RAM
CY7C194BN-15PC CYPRESS-CY7C194BN-15PC Datasheet
460Kb / 15P
256 Kb (64 K 횞 4) Static RAM Wide voltage range: 5.0 V 짹 10% (4.5 V to 5.5 V)
CY7C194BN-15VC CYPRESS-CY7C194BN-15VC Datasheet
397Kb / 10P
256 Kb (64K x 4) Static RAM
More results


Similar Description - CY7C194B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6208C MOTOROLA-MCM6208C Datasheet
175Kb / 8P
64K x 4 Fast Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
64K x 4 Bit Static RAM
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
64K x 4 Bit Static RAM
MCM6709B MOTOROLA-MCM6709B Datasheet
102Kb / 7P
64K x 4 Bit Static RAM
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
CMOS 64K X 4 STATIC RAM
logo
Cypress Semiconductor
CY7C194 CYPRESS-CY7C194 Datasheet
228Kb / 12P
64K x 4 Static RAM
CY7C194BN CYPRESS-CY7C194BN Datasheet
397Kb / 10P
256 Kb (64K x 4) Static RAM
CY7C197BN CYPRESS-CY7C197BN Datasheet
512Kb / 9P
256 Kb (256K x 1) Static RAM
CY7C197B CYPRESS-CY7C197B Datasheet
91Kb / 10P
256 Kb (256K x 1) Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com