Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C197BN Datasheet (PDF) - Cypress Semiconductor

CY7C197BN Datasheet PDF - Cypress Semiconductor
Part # CY7C197BN
Download  CY7C197BN Download
File Size   512.32 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256 Kb (256K x 1) Static RAM

CY7C197BN Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C197BN Datasheet PDF - Cypress Semiconductor

Part # CY7C197BN
Download  CY7C197BN Click to download

File Size   512.32 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256 Kb (256K x 1) Static RAM

CY7C197BN Datasheet (HTML) - Cypress Semiconductor


CY7C197BN Product details

General Description [1]
The CY7C197BN is a high performance CMOS Asynchronous SRAM organized as 256K × 1 bits that supports an asynchronous memory interface. The device features an automatic power down feature that significantly reduces power consumption when deselected

Features
• Fast access time: 12 ns
• Wide voltage range: 5.0V ± 10% (4.5V to 5.5V)
• CMOS for optimum speed and power
• TTL compatible inputs and outputs
• Available in 24-lead DIP and 24-lead SOJ




Similar Part No. - CY7C197BN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C197BN CYPRESS-CY7C197BN Datasheet
482Kb / 13P
256-Kb (256 K x 1) Static RAM Fast access time: 15 ns
CY7C197BN-15VC CYPRESS-CY7C197BN-15VC Datasheet
482Kb / 13P
256-Kb (256 K x 1) Static RAM Fast access time: 15 ns
CY7C197BN-25PC CYPRESS-CY7C197BN-25PC Datasheet
482Kb / 13P
256-Kb (256 K x 1) Static RAM Fast access time: 15 ns
CY7C197BN CYPRESS-CY7C197BN_11 Datasheet
482Kb / 13P
256-Kb (256 K x 1) Static RAM Fast access time: 15 ns
More results


Similar Description - CY7C197BN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C194B CYPRESS-CY7C194B Datasheet
256Kb / 13P
256 Kb (64K x 4) Static RAM
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
256K x Static RAM
CY7C106D CYPRESS-CY7C106D Datasheet
901Kb / 11P
1-Mbit (256K x 4) Static RAM
CY7C194BN CYPRESS-CY7C194BN Datasheet
397Kb / 10P
256 Kb (64K x 4) Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
256K x 16 Static RAM
CY7C197B CYPRESS-CY7C197B Datasheet
91Kb / 10P
256 Kb (256K x 1) Static RAM
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
256K (256K x 1) Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
256K x 16 Static RAM
CY7C197BN CYPRESS-CY7C197BN_11 Datasheet
482Kb / 13P
256-Kb (256 K x 1) Static RAM Fast access time: 15 ns
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com