Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C197D Datasheet (PDF) - Cypress Semiconductor

CY7C197D Datasheet PDF - Cypress Semiconductor
Part # CY7C197D
Download  CY7C197D Download
File Size   239.19 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256K (256K x 1) Static RAM

CY7C197D Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C197D Datasheet PDF - Cypress Semiconductor

Part # CY7C197D
Download  CY7C197D Click to download

File Size   239.19 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256K (256K x 1) Static RAM

CY7C197D Datasheet (HTML) - Cypress Semiconductor


CY7C197D Product details

Functional Description[1]
The CY7C197D is a high-performance CMOS static RAM organized as 256K words by 1 bit. Easy memory expansion is provided by an active LOW Chip Enable (CE) and three-state drivers. The CY7C197D has an automatic power-down feature, reducing the power consumption when deselected.

Features
• Pin- and function-compatible with CY7C197B
• High speed
    — tAA = 10 ns
• CMOS for optimum speed/power
• Low active power
    — ICC = 60 mA @ 10 ns
• Low CMOS standby power
    — ISB2 = 3 mA
• TTL-compatible inputs and outputs
• Data retention at 2.0V
• Automatic power-down when deselected
• Available in Pb-Free Packages




Similar Part No. - CY7C197D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C197 CYPRESS-CY7C197 Datasheet
150Kb / 10P
256Kx1 Static RAM
CY7C197-12PC CYPRESS-CY7C197-12PC Datasheet
150Kb / 10P
256Kx1 Static RAM
CY7C197-12VC CYPRESS-CY7C197-12VC Datasheet
150Kb / 10P
256Kx1 Static RAM
CY7C197-15PC CYPRESS-CY7C197-15PC Datasheet
150Kb / 10P
256Kx1 Static RAM
CY7C197-15VC CYPRESS-CY7C197-15VC Datasheet
150Kb / 10P
256Kx1 Static RAM
More results


Similar Description - CY7C197D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
256K x 16 Static RAM
October 4, 1999
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
256K x 16 Static RAM
CY62147CV33 CYPRESS-CY62147CV33 Datasheet
301Kb / 14P
256K x 16 Static RAM
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
256K x Static RAM
CY7C106D CYPRESS-CY7C106D Datasheet
901Kb / 11P
1-Mbit (256K x 4) Static RAM
CY7C197BN CYPRESS-CY7C197BN Datasheet
512Kb / 9P
256 Kb (256K x 1) Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
256K x 16 Static RAM
CY7C197B CYPRESS-CY7C197B Datasheet
91Kb / 10P
256 Kb (256K x 1) Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
256K x 16 Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com