Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C197 Datasheet (PDF) - Cypress Semiconductor

CY7C197 Datasheet PDF - Cypress Semiconductor
Part # CY7C197
Download  CY7C197 Download
File Size   150.56 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256Kx1 Static RAM

CY7C197 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C197 Datasheet PDF - Cypress Semiconductor

Part # CY7C197
Download  CY7C197 Click to download

File Size   150.56 Kbytes
Page   10 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256Kx1 Static RAM

CY7C197 Datasheet (HTML) - Cypress Semiconductor


CY7C197 Product details

Functional Description
The CY7C197 is a high-performance CMOS static RAM organized as 256K words by 1 bit. Easy memory expansion is provided by an active LOW Chip Enable (CE) and three-state drivers. The CY7C197 has an automatic power-down feature, reducing the power consumption by 75% when deselected.

Features
• High speed
    — 12 ns
• CMOS for optimum speed/power
• Low active power
    — 880 mW
• Low standby power
    — 220 mW
• TTL-compatible inputs and outputs
• Automatic power-down when deselected




Similar Part No. - CY7C197

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C197B CYPRESS-CY7C197B Datasheet
91Kb / 10P
256 Kb (256K x 1) Static RAM
CY7C197B-12VC CYPRESS-CY7C197B-12VC Datasheet
91Kb / 10P
256 Kb (256K x 1) Static RAM
CY7C197B-25PC CYPRESS-CY7C197B-25PC Datasheet
91Kb / 10P
256 Kb (256K x 1) Static RAM
CY7C197BN CYPRESS-CY7C197BN Datasheet
512Kb / 9P
256 Kb (256K x 1) Static RAM
CY7C197BN CYPRESS-CY7C197BN Datasheet
482Kb / 13P
256-Kb (256 K x 1) Static RAM Fast access time: 15 ns
More results


Similar Description - CY7C197

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C04 XICOR-X20C04 Datasheet
67Kb / 15P
Nonvolatile Static RAM
X22C10 XICOR-X22C10 Datasheet
60Kb / 12P
Nonvolatile Static RAM
logo
Advanced Micro Devices
AM9128 AMD-AM9128 Datasheet
429Kb / 10P
2048x8 Static RAM
logo
Toshiba Semiconductor
TC55257DPI-70V TOSHIBA-TC55257DPI-70V Datasheet
676Kb / 13P
STATIC RAM
logo
Advanced Micro Devices
AM9044 AMD-AM9044 Datasheet
278Kb / 7P
4096x1 Static RAM
logo
Sharp Corporation
LH5168V2 SHARP-LH5168V2 Datasheet
1Mb / 18P
STATIC RAM
logo
Cypress Semiconductor
CY7C197N CYPRESS-CY7C197N Datasheet
307Kb / 7P
256Kx1 Static RAM
CY7C150 CYPRESS-CY7C150_03 Datasheet
312Kb / 11P
1Kx4 Static RAM
logo
ARTSCHIP ELECTRONICS CO...
CY62128 ARTSCHIP-CY62128 Datasheet
1Mb / 8P
Static RAM
CY62256 ARTSCHIP-CY62256 Datasheet
374Kb / 12P
Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com