Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6544 Datasheet (PDF) - OKI electronic componets

MSM6544 Datasheet PDF - OKI electronic componets
Part # MSM6544
Download  MSM6544 Download
File Size   108.89 Kbytes
Page   12 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 42-DOT LCD DRIVER

MSM6544 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6544 Datasheet PDF - OKI electronic componets

Part # MSM6544
Download  MSM6544 Click to download

File Size   108.89 Kbytes
Page   12 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 42-DOT LCD DRIVER

MSM6544 Datasheet (HTML) - OKI electronic componets


MSM6544 Product details

GENERAL DESCRIPTION

The MSM6544 is a 42-segment duplex driver which can drive the LCD panel up to a maximum of 84 segments. Since the package is a 56-pin small QFP, an LCD module can be compactly configured.  An

internal RC oscillator is provided for ease of use.



FEATURES

• Power supply voltage (VDD) : 3 to 6V

• LCD driving voltage : 3 to VDD

• Operating temperature : –40 to +85°C

• Applicable LCD panel : 1/2 duty, 84 segments (Max)

• Data transmitting clock : 4 MHz (Max)

• Package:

  56-pin plastic QFP (QFP56-P-910-0.65-2K)  (Product name : MSM6544GS-2K)




Similar Part No. - MSM6544

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6542-01 OKI-MSM6542-01 Datasheet
378Kb / 54P
REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
MSM6542-02 OKI-MSM6542-02 Datasheet
378Kb / 54P
REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
MSM6542-03 OKI-MSM6542-03 Datasheet
378Kb / 54P
REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
MSM6545 OKI-MSM6545 Datasheet
153Kb / 13P
Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6545-XXGS-2K OKI-MSM6545-XXGS-2K Datasheet
153Kb / 13P
Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
More results


Similar Description - MSM6544

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5300 OKI-MSM5300 Datasheet
176Kb / 10P
16-DOT LCD DRIVER
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
Dot-Matrix LCD Driver
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
Dot-Matrix LCD Driver
LC7942ND SANYO-LC7942ND Datasheet
115Kb / 6P
Dot-Matrix LCD Driver?
LC79430D SANYO-LC79430D Datasheet
115Kb / 5P
Dot Matrix LCD Driver?
LC79431D SANYO-LC79431D Datasheet
96Kb / 5P
Dot Matrix LCD Driver?
LC7943D SANYO-LC7943D Datasheet
88Kb / 4P
Dot Matrix LCD Driver?
logo
List of Unclassifed Man...
SED1520D0A ETC-SED1520D0A Datasheet
204Kb / 52P
DOT MATRIX LCD DRIVER
logo
Toshiba Semiconductor
T6K11 TOSHIBA-T6K11 Datasheet
576Kb / 47P
DOT MATRIX LCD DRIVER
logo
List of Unclassifed Man...
SED1500 ETC-SED1500 Datasheet
590Kb / 32P
DOT MATRIX LCD DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com