Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6545 Datasheet (PDF) - OKI electronic componets

MSM6545 Datasheet PDF - OKI electronic componets
Part # MSM6545
Download  MSM6545 Download
File Size   153.31 Kbytes
Page   13 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller

MSM6545 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6545 Datasheet PDF - OKI electronic componets

Part # MSM6545
Download  MSM6545 Click to download

File Size   153.31 Kbytes
Page   13 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller

MSM6545 Datasheet (HTML) - OKI electronic componets


MSM6545 Product details

GENERAL DESCRIPTION
MSM6545/6575/6545L/6575L is a 4-bit, low-power microcontroller manufactured in a CMOS silicon gate process. The microcontroller can be initialized and operated at a low supply voltage of 0.9 V.
This single device contains a crystal oscillator circuit, voltage converter circuits, a time base counter, a ROM, a RAM, a stack RAM, I/O ports, interrupt function components, a serial I/O port, a buzzer output circuit, and an updown counter.
This IC is driven by one battery and is well suited to products that need to be operated under low power consumption.

FEATURES
• The IC can be initialized and operated even at a low voltage of 0.9 V.
• Low power consumption
• ROM : 4096 words x 17 bits (MSM6545/6545L)
              2048 words x 17 bits (MSM6575/6575L)
• RAM : 256 words x 4 bits (MSM6545/6545L)
             128 words x 4 bits (MSM6575/6575L)
• I/O port
    Input-output port : 7 ports x 4 bits
    Input port : 1 port x 4 bits
• Interrupt functions (real-time interrupt, external interrupt, and serial interrupt)
• Serial I/O port : 8-bit sync communication
• Buzzer output circuit
• 4-bit decimal updown counter
• 73 instructions
• Minimum instruction execution time : 61 ms
• Operation under single 1.5 V power supply (MSM6545/6575)
    A mask option allows the 3 V power supply to be used (MSM6545L/6575L)
• Built-in 32.768 kHz crystal oscillator circuit
• Package options:
    44-pin plastic QFP (QFP44-P-910-0.80-K) : (Product name : MSM6545/6545L-xxGS-K)
    44-pin plastic QFP (QFP44-P-910-0.80-2K) : (Product name : MSM6545/6545L-xxGS-2K)
    44-pin plastic QFP (QFP44-P-910-0.80-K) : (Product name : MSM6575/6575L-xxGS-K)
    44-pin plastic QFP (QFP44-P-910-0.80-2K) : (Product name : MSM6575/6575L-xxGS-2K)
    Chip
                                                                           xx indicates a code number.




Similar Part No. - MSM6545

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6542-01 OKI-MSM6542-01 Datasheet
378Kb / 54P
REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
MSM6542-02 OKI-MSM6542-02 Datasheet
378Kb / 54P
REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
MSM6542-03 OKI-MSM6542-03 Datasheet
378Kb / 54P
REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
MSM6544 OKI-MSM6544 Datasheet
108Kb / 12P
42-DOT LCD DRIVER
MSM6546 OKI-MSM6546 Datasheet
145Kb / 16P
Operatable at 0.9 V and Built-in LCD Driver 4-Bit Microcontroller
More results


Similar Description - MSM6545

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
ML63512A OKI-ML63512A Datasheet
261Kb / 30P
4-Bit Microcontroller with Built-in Level Detector, Melody Circuit, and Comparator,Operating at 0.9 V (Min.)
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184B OKI-MSM63184B Datasheet
205Kb / 29P
4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63188A OKI-MSM63188A Datasheet
300Kb / 33P
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,Operating at 0.9 V (Min.)
MSM63238 OKI-MSM63238 Datasheet
231Kb / 32P
4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
MSM6546 OKI-MSM6546 Datasheet
145Kb / 16P
Operatable at 0.9 V and Built-in LCD Driver 4-Bit Microcontroller
MSM6576 OKI-MSM6576 Datasheet
144Kb / 12P
Operatable at 0.9 V and 7-level Detector 4-Bit Microcontroller
MSM6577-XX OKI-MSM6577-XX Datasheet
177Kb / 22P
Operatable at 0.9V and Built-in LCD Driver 4-Bit Microcontroller
ML63187B OKI-ML63187B Datasheet
244Kb / 36P
4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com