Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6546 Datasheet (PDF) - OKI electronic componets

MSM6546 Datasheet PDF - OKI electronic componets
Part # MSM6546
Download  MSM6546 Download
File Size   145.49 Kbytes
Page   16 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Operatable at 0.9 V and Built-in LCD Driver 4-Bit Microcontroller

MSM6546 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6546 Datasheet PDF - OKI electronic componets

Part # MSM6546
Download  MSM6546 Click to download

File Size   145.49 Kbytes
Page   16 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Operatable at 0.9 V and Built-in LCD Driver 4-Bit Microcontroller

MSM6546 Datasheet (HTML) - OKI electronic componets


MSM6546 Product details

GENERAL DESCRIPTION
MSM6546/6546L is a 4-bit, low-power microcontroller manufactured in a CMOS silicon gate process. The microcontroller can be initialized and operated at the low supply voltage of 0.9 V. This device contains a crystal oscillator circuit, voltage converter circuits, a time base counter, a ROM, a RAM, a stack RAM, I/O ports, interrupt function components, a serial I/O port, a buzzer output circuit, an up/down counter, and LCD drivers.
This IC can be driven by one battery and is well suited to products that need to be operated with low power consumption.

FEATURES
• The IC can be initialized and operated even at a low voltage of 0.9 V.
• Low power consumption
• ROM : 4096 words · 17 bits
• RAM : 256 words · 4 bits
• I/O port
    Input/output port : 7 ports · 4 bits
    Input port : 1 port · 4 bits
• Interrupt functions (real-time interrupt, external interrupt, and serial interrupt)
• Serial I/O port : 8-bit sync communication
• Buzzer output circuit
• 4-bit decimal up/down counter
• 54 LCD drivers (up to 200 segments can be displayed)
• 75 instructions
• Minimum instruction execution time : 61 ms
• Operation under single 1.5 V power supply (MSM6546)
    A mask option allows the 3 V power supply to be used (MSM6546L).
• Built-in 32.768 kHz crystal oscillator circuit
• Package:
    100-pin plastic QFP (QFP100-P-1420-0.65-BK)
                                         : (Product name : MSM6546-xxGS-BK, MSM6546L-xxGS-BK)
    Chip
                                                                                                 xx indicates a code number.




Similar Part No. - MSM6546

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6542-01 OKI-MSM6542-01 Datasheet
378Kb / 54P
REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
MSM6542-02 OKI-MSM6542-02 Datasheet
378Kb / 54P
REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
MSM6542-03 OKI-MSM6542-03 Datasheet
378Kb / 54P
REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
MSM6544 OKI-MSM6544 Datasheet
108Kb / 12P
42-DOT LCD DRIVER
MSM6545 OKI-MSM6545 Datasheet
153Kb / 13P
Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
More results


Similar Description - MSM6546

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184B OKI-MSM63184B Datasheet
205Kb / 29P
4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM5052 OKI-MSM5052 Datasheet
161Kb / 12P
Built-in Temperature Circuit and LCD Driver 4-Bit Microcontroller
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
Built-in LCD Driver 4-Bit Microcontroller
MSM6502B OKI-MSM6502B Datasheet
143Kb / 12P
Low-power and Built-in LCD Driver 4-Bit Microcontroller
MSM6545 OKI-MSM6545 Datasheet
153Kb / 13P
Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6576 OKI-MSM6576 Datasheet
144Kb / 12P
Operatable at 0.9 V and 7-level Detector 4-Bit Microcontroller
MSM6577-XX OKI-MSM6577-XX Datasheet
177Kb / 22P
Operatable at 0.9V and Built-in LCD Driver 4-Bit Microcontroller
MSM64481 OKI-MSM64481 Datasheet
131Kb / 12P
Built-in 512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com