Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9012 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

S9012 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # S9012
Download  S9012 Download
File Size   239.43 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description PNP Silicon General Purpose Transistor

S9012 Datasheet (PDF)

Go To PDF Page Download Datasheet
S9012 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # S9012
Download  S9012 Click to download

File Size   239.43 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description PNP Silicon General Purpose Transistor

S9012 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


S9012 Product details

FEATURES
  Power dissipation
     PCM : 0.3 W
  Collector Current
     ICM : - 0.5 A
  Collector-base voltage
     V(BR)CBO : - 40 V
  Operating & storage junction temperature
     Tj, Tstg : - 55°C ~ + 150°C




Similar Part No. - S9012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9012 ETC-S9012 Datasheet
940Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Weitron Technology
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
PNP General Purpose Transistors
logo
Galaxy Semi-Conductor H...
S9012 BILIN-S9012 Datasheet
184Kb / 4P
PNP Silicon Epitaxial Planar Transistor
Rev.A
logo
Daya Electric Group Co....
S9012 DAYA-S9012 Datasheet
175Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Shenzhen Jin Yu Semicon...
S9012 HTSEMI-S9012 Datasheet
774Kb / 2P
TRANSISTOR(PNP)
More results


Similar Description - S9012

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
General Purpose Transistor PNP Silicon
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com