Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9012 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S9012
Description  PNP Silicon General Purpose Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S9012 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S9012 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Any changing of specification will not be informed individual
S9012
PNP Silicon
General Purpose Transistor
DEVICE MARKING
S9012=2T1
Power dissipation
PCM : 0.3 W
Collector Current
ICM :
- 0.5 A
Collector-base voltage
FEATURES
Collector
3
1
Base
2
Emitter
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
-100μA, IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
-1mA, IB=0
V
Emitter-base breakdown voltage
V(BR)EBO
IE=
-100μA, IC=0
- 5
V
Collector cut-off current
ICBO
VCB=
- 40V , IE=0
-0.1
μA
Collector cut-off current
ICEO
VCE=
- 20V , IB=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=
- 5V ,
IC=0
-0.1
μA
HFE(1)
VCE=
-1V , IC=-50mA
120
400
DC current gain
HFE(2)
VCE=
-1V , IC=-500mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=
-500mA, IB=- 50mA
-0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=
-500mA, IB=-50mA
-1.2
V
Transition frequency
fT
VCE=
-6V, IC=-20mA
f=30MHz
150
MHz
1
2
ELECTRICAL CHARACTERISTICS ( Tamp.=25OC unless otherwise specified)
V(BR)CBO :
- 40 V
Operating & storage junction temperature
Tj, Tstg : - 55
OC ~ + 150OC
3
1
7-Dec-2007 Rev.B
Page 1 of 1
-25
CLASSIFICATION OF
hFE(1)
Rank
L
H
J
Range
120-200
200-350
300-400
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - S9012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9012 ETC-S9012 Datasheet
940Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Weitron Technology
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
PNP General Purpose Transistors
logo
Galaxy Semi-Conductor H...
S9012 BILIN-S9012 Datasheet
184Kb / 4P
PNP Silicon Epitaxial Planar Transistor
Rev.A
logo
Daya Electric Group Co....
S9012 DAYA-S9012 Datasheet
175Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Shenzhen Jin Yu Semicon...
S9012 HTSEMI-S9012 Datasheet
774Kb / 2P
TRANSISTOR(PNP)
More results

Similar Description - S9012

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
General Purpose Transistor PNP Silicon
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com