Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6112 Datasheet (PDF) - Feeling Technology Corp.

FP6112 Datasheet PDF - Feeling Technology Corp.
Part # FP6112
Download  FP6112 Download
File Size   440.38 Kbytes
Page   15 Pages
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.
Description 320KHz, 3A Asynchronous Buck Regulator

FP6112 Datasheet (PDF)

Go To PDF Page Download Datasheet
FP6112 Datasheet PDF - Feeling Technology Corp.

Part # FP6112
Download  FP6112 Click to download

File Size   440.38 Kbytes
Page   15 Pages
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.
Description 320KHz, 3A Asynchronous Buck Regulator

FP6112 Datasheet (HTML) - Feeling Technology Corp.




Similar Part No. - FP6112

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP6112 APITECH-FP6112 Datasheet
69Kb / 1P
RF AMPLIFIER MODEL
More results


Similar Description - FP6112

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4685 MICREL-MIC4685 Datasheet
154Kb / 15P
3A SPAK SuperSwitcher??Buck Regulator
logo
Anpec Electronics Corop...
APW7143 ANPEC-APW7143 Datasheet
621Kb / 19P
3A, 12V, Asynchronous Buck Converter
logo
Alpha & Omega Semicondu...
AOZ1021AI AOSMD-AOZ1021AI Datasheet
541Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
EZBuck??3A Simple Buck Regulator
logo
BCD Semiconductor Manuf...
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
380kHz, 3A Asynchronous DC - DC Buck Converter
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
logo
Sanken electric
NR120E SANKEN-NR120E Datasheet
759Kb / 13P
3A, 18V, Buck Regulator
logo
Feeling Technology Corp...
FP6111 FEELING-FP6111 Datasheet
472Kb / 15P
320KHz, 2A Asynchronous Buck Regulator
FP6116 FEELING-FP6116 Datasheet
691Kb / 14P
340KHz, 3A, Asynchronous Step-Down Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com