Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7143 Datasheet (PDF) - Anpec Electronics Coropration

APW7143 Datasheet PDF - Anpec Electronics Coropration
Part # APW7143
Download  APW7143 Download
File Size   621.29 Kbytes
Page   19 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A, 12V, Asynchronous Buck Converter

APW7143 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7143 Datasheet PDF - Anpec Electronics Coropration

Part # APW7143
Download  APW7143 Click to download

File Size   621.29 Kbytes
Page   19 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A, 12V, Asynchronous Buck Converter

APW7143 Datasheet (HTML) - Anpec Electronics Coropration


APW7143 Product details

General Description
The APW7143 is a 3A asynchronous Buck converter with an integrated 70mW P-channel power MOSFET. The APW7143, designed with a current-mode control scheme, can convert wide input voltage of 4.3V to 14V to the output voltage adjustable from 0.8V to VIN to provide excellent output voltage regulation.

Features
• Wide Input Voltage from 4.3V to 14V
• Output Current up to 3A
• Adjustable Output Voltage from 0.8V to VIN
    - ±2% System Accuracy
• 70mW Integrated Power MOSFET
• High Efficiency up to 92%
    - Automatic Skip/PWM Mode Operation
• Current-Mode Operation
    - Easy Feedback Compensation
    - Stable with Low ESR Output Capacitors
    - Fast Load/Line Transient Response
• Power-On-Reset Monitoring
• Fixed 500kHz Switching Frequency in PWM mode
• Built-in Digital Soft-Start
• Current-Limit Protection with FrequencyFoldback
• Hiccup-Mode 50% Undervoltage Protection
• Over-Temperature Protection
• <3mA Quiescent Current in Shutdown Mode
• Small SOP-8 Package
• Lead Free and Green Devices Available (RoHS Compliant)

Applications
• OLPC, UMPC
• Notebook Computer
• Handheld Portable Device
• Step-down Converters Requiring High Efficiency and 3A Output Current




Similar Part No. - APW7143

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7142 ANPEC-APW7142 Datasheet
525Kb / 22P
3A, 12V, Synchronous-Rectified Buck Converter
APW7142 ANPEC-APW7142 Datasheet
524Kb / 22P
3A, 12V, Synchronous-Rectified Buck Converter
APW7142KI-TRG ANPEC-APW7142KI-TRG Datasheet
525Kb / 22P
3A, 12V, Synchronous-Rectified Buck Converter
APW7142KI-TRG ANPEC-APW7142KI-TRG Datasheet
524Kb / 22P
3A, 12V, Synchronous-Rectified Buck Converter
APW7142 ANPEC-APW7142_10 Datasheet
524Kb / 22P
3A, 12V, Synchronous-Rectified Buck Converter
More results


Similar Description - APW7143

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7145 ANPEC-APW7145 Datasheet
526Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
APW7142 ANPEC-APW7142 Datasheet
525Kb / 22P
3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_09 Datasheet
557Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
logo
BCD Semiconductor Manuf...
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
380kHz, 3A Asynchronous DC - DC Buck Converter
logo
Anpec Electronics Corop...
APW7142 ANPEC-APW7142_10 Datasheet
524Kb / 22P
3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_11 Datasheet
559Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
logo
Feeling Technology Corp...
FP6112 FEELING-FP6112 Datasheet
440Kb / 15P
320KHz, 3A Asynchronous Buck Regulator
logo
Major-Power Technology ...
MA2004A MPOWER-MA2004A Datasheet
365Kb / 6P
3A 750KHz Asynchronous Boost Converter
MA5801 MPOWER-MA5801 Datasheet
142Kb / 2P
58V Asynchronous Buck Converter
Rev.1.2
MA5802 MPOWER-MA5802 Datasheet
144Kb / 2P
58V Asynchronous Buck Converter
Rev.1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com