Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC113 Datasheet (PDF) - Hittite Microwave Corporation

HMC113 Datasheet PDF - Hittite Microwave Corporation
Part # HMC113
Download  HMC113 Download
File Size   94.22 Kbytes
Page   1 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC 2.5 TO 6 GHz UP - CONVERTER

HMC113 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC113 Datasheet PDF - Hittite Microwave Corporation

Part # HMC113
Download  HMC113 Click to download

File Size   94.22 Kbytes
Page   1 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC 2.5 TO 6 GHz UP - CONVERTER

HMC113 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC113

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1131 AD-HMC1131 Datasheet
453Kb / 15P
Point-to-point radios
Rev. A
HMC1131LC4 AD-HMC1131LC4 Datasheet
453Kb / 15P
Point-to-point radios
Rev. A
HMC1131LC4TR AD-HMC1131LC4TR Datasheet
453Kb / 15P
Point-to-point radios
Rev. A
HMC1132 AD-HMC1132 Datasheet
694Kb / 15P
No external matching required
Rev. 0
HMC1132LP5DE AD-HMC1132LP5DE Datasheet
694Kb / 15P
No external matching required
Rev. 0
More results


Similar Description - HMC113

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC239S8 HITTITE-HMC239S8 Datasheet
175Kb / 6P
GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC172QS24 HITTITE-HMC172QS24 Datasheet
88Kb / 4P
GaAS MMIC SP6T SWITCH DC TO 2.5 GHz
HMC647 HITTITE-HMC647 Datasheet
248Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
HMC647LP6 HITTITE-HMC647LP6 Datasheet
288Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
logo
Mimix Broadband
XU1014-BD MIMIX-XU1014-BD Datasheet
1Mb / 1P
8.0-18.0 GHz GaAs MMIC Up-Converter
XU1010-BD MIMIX-XU1010-BD Datasheet
1Mb / 1P
16.0-36.0 GHz GaAs MMIC Up-Converter
logo
Hittite Microwave Corpo...
HMC647LP6 HITTITE-HMC647LP6_08 Datasheet
237Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
logo
RF Micro Devices
RFUV1002 RFMD-RFUV1002 Datasheet
1Mb / 17P
9GHz TO 14GHz GaAs MMIC IQ UP-CONVERTER
logo
Analog Devices
HMC219B AD-HMC219B Datasheet
452Kb / 27P
2.5 GHz to 7.0 GHz GaAs, MMIC Fundamental Mixer
10/2017-Rev. 0 to Rev. A
HMC773A AD-HMC773A Datasheet
528Kb / 22P
6 GHz to 26 GHz, GaAs MMIC Fundamental Mixer
8/2018-Rev. 0 to Rev. A
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com