Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC773A Datasheet (PDF) - Analog Devices

HMC773A Datasheet PDF - Analog Devices
Part # HMC773A
Download  HMC773A Download
File Size   528.94 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6 GHz to 26 GHz, GaAs MMIC Fundamental Mixer

HMC773A Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC773A Datasheet PDF - Analog Devices

Part # HMC773A
Download  HMC773A Click to download

File Size   528.94 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6 GHz to 26 GHz, GaAs MMIC Fundamental Mixer

HMC773A Datasheet (HTML) - Analog Devices




Similar Part No. - HMC773A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC773ALC3B AD-HMC773ALC3B Datasheet
850Kb / 22P
6GHz to 26GHz, GaAs MMIC Fundamental Mixer
HMC773ALC3BTR AD-HMC773ALC3BTR Datasheet
850Kb / 22P
6GHz to 26GHz, GaAs MMIC Fundamental Mixer
HMC773ALC3BTR-R5 AD-HMC773ALC3BTR-R5 Datasheet
850Kb / 22P
6GHz to 26GHz, GaAs MMIC Fundamental Mixer
More results


Similar Description - HMC773A

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC260 HITTITE-HMC260 Datasheet
180Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC260LC3B HITTITE-HMC260LC3B Datasheet
272Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC773 HITTITE-HMC773 Datasheet
244Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 6 - 26 GHz
HMC773LC3B HITTITE-HMC773LC3B Datasheet
218Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 6 - 26 GHz
HMC260 HITTITE-HMC260_09 Datasheet
226Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC260LC3B HITTITE-HMC260LC3B_09 Datasheet
193Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
logo
Analog Devices
HMC260A AD-HMC260A Datasheet
295Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC Fundamental Mixer
4/2018-Revision 0
HMC219B AD-HMC219B Datasheet
452Kb / 27P
2.5 GHz to 7.0 GHz GaAs, MMIC Fundamental Mixer
10/2017-Rev. 0 to Rev. A
HMC220B AD-HMC220B Datasheet
799Kb / 18P
5 GHz to 12 GHz GaAs, MMIC, Fundamental Mixer
10/2019-Rev. B to Rev. C
HMC558ACHIPS AD-HMC558ACHIPS Datasheet
480Kb / 32P
5.5 GHz to 14 GHz, GaAs MMIC Fundamental Mixer
3/2020-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com