Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC773ALC3B Datasheet (PDF) - Analog Devices

HMC773ALC3B Datasheet PDF - Analog Devices
Part # HMC773ALC3B
Download  HMC773ALC3B Download
File Size   850.96 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6GHz to 26GHz, GaAs MMIC Fundamental Mixer

HMC773ALC3B Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC773ALC3B Datasheet PDF - Analog Devices

Part # HMC773ALC3B
Download  HMC773ALC3B Click to download

File Size   850.96 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6GHz to 26GHz, GaAs MMIC Fundamental Mixer

HMC773ALC3B Datasheet (HTML) - Analog Devices




Similar Part No. - HMC773ALC3B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC773A AD-HMC773A Datasheet
528Kb / 22P
6 GHz to 26 GHz, GaAs MMIC Fundamental Mixer
8/2018-Rev. 0 to Rev. A
HMC773A-SX AD-HMC773A-SX Datasheet
528Kb / 22P
6 GHz to 26 GHz, GaAs MMIC Fundamental Mixer
8/2018-Rev. 0 to Rev. A
More results


Similar Description - HMC773ALC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC260LC3B HITTITE-HMC260LC3B Datasheet
272Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC329LC3B HITTITE-HMC329LC3B Datasheet
261Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
HMC553LC3B HITTITE-HMC553LC3B Datasheet
262Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC554LC3B HITTITE-HMC554LC3B Datasheet
273Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC554 HITTITE-HMC554_09 Datasheet
228Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC557LC4 HITTITE-HMC557LC4_09 Datasheet
203Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
HMC558 HITTITE-HMC558 Datasheet
233Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14 GHz
HMC560 HITTITE-HMC560_09 Datasheet
228Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 24 - 40 GHz
logo
Analog Devices
HMC219B AD-HMC219B Datasheet
452Kb / 27P
2.5 GHz to 7.0 GHz GaAs, MMIC Fundamental Mixer
10/2017-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com