Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC558 Datasheet (PDF) - Hittite Microwave Corporation

HMC558 Datasheet PDF - Hittite Microwave Corporation
Part # HMC558
Download  HMC558 Download
File Size   233.0 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14 GHz

HMC558 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC558 Datasheet PDF - Hittite Microwave Corporation

Part # HMC558
Download  HMC558 Click to download

File Size   233.0 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14 GHz

HMC558 Datasheet (HTML) - Hittite Microwave Corporation


HMC558 Product details

General Description
The HMC558 is a passive double balanced mixer that can be used as an upconverter or downconverter between 5.5 and 14 GHz. The miniature monolithic mixer is fabricated in a GaAs MESFET process, and requires no external components or matching circuitry. The HMC558 operates with LO drive levels as low as +9 dBm and provides excellent LO to RF and LO to IF isolation due to optimized balun structures. Measurements were made with the chip mounted into in a 50 ohm test fi xture and includes the parasitic effects of wire bond assembly. Connections were made with a 1 mil wire bond with minimal length (<12 mil).

Features
   High LO/RF Isolation: 45 dB
   Passive Double Balanced Topology
   Low Conversion Loss: 7 dB
   Wide IF Bandwidth: DC - 6 GHz
   Small Size: 0.91 x 0.94 x 0.1 mm

Typical Applications
The HMC558 is ideal for:
• Microwave Radio
• Military & Space
• Communications, Radar & EW
• Test Equipment & Sensors




Similar Part No. - HMC558

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC558 MICROSS-HMC558 Datasheet
878Kb / 9P
Microwave Radio
logo
Analog Devices
HMC558A AD-HMC558A Datasheet
367Kb / 15P
Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
REV. 0
HMC558A AD-HMC558A Datasheet
480Kb / 32P
5.5 GHz to 14 GHz, GaAs MMIC Fundamental Mixer
3/2020-Revision 0
HMC558A-SX AD-HMC558A-SX Datasheet
480Kb / 32P
5.5 GHz to 14 GHz, GaAs MMIC Fundamental Mixer
3/2020-Revision 0
HMC558ACHIPS AD-HMC558ACHIPS Datasheet
480Kb / 32P
5.5 GHz to 14 GHz, GaAs MMIC Fundamental Mixer
3/2020-Revision 0
More results


Similar Description - HMC558

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC260 HITTITE-HMC260 Datasheet
180Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC260LC3B HITTITE-HMC260LC3B Datasheet
272Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC553LC3B HITTITE-HMC553LC3B Datasheet
262Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC260 HITTITE-HMC260_09 Datasheet
226Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC260LC3B HITTITE-HMC260LC3B_09 Datasheet
193Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC553 HITTITE-HMC553_09 Datasheet
218Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC553LC3B HITTITE-HMC553LC3B_09 Datasheet
188Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC558LC3B HITTITE-HMC558LC3B Datasheet
203Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14.0 GHz
logo
Analog Devices
HMC558ACHIPS AD-HMC558ACHIPS Datasheet
480Kb / 32P
5.5 GHz to 14 GHz, GaAs MMIC Fundamental Mixer
3/2020-Revision 0
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com