Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC558 Datasheet (PDF) - Micross Components

HMC558 Datasheet PDF - Micross Components
Part # HMC558
Download  HMC558 Download
File Size   878.87 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Microwave Radio

HMC558 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC558 Datasheet PDF - Micross Components

Part # HMC558
Download  HMC558 Click to download

File Size   878.87 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Microwave Radio

HMC558 Datasheet (HTML) - Micross Components


HMC558 Product details

General Description
The HMC558 is a passive double balanced mixer that can be used as an upconverter or downconverter between 5.5 and 14 GHz. The miniature monolithic mixer is fabricated in a GaAs MESFET process, and requires no external components or matching circuitry. The HMC558 operates with LO drive levels as low as +9 dBm and provides excellent LO to RF and LO to IF isolation due to optimized balun structures. Measurements were made with the chip mounted into in a 50 ohm test fi xture and includes the parasitic effects of wire bond assembly. Connections were made with a 1 mil wire bond with minimal length (<12 mil).

Features
   High LO/RF Isolation: 45 dB
   Passive Double Balanced Topology
   Low Conversion Loss: 7 dB
   Wide IF Bandwidth: DC - 6 GHz
   Small Size: 0.91 x 0.94 x 0.1 mm

Typical Applications
The HMC558 is ideal for:
• Microwave Radio
• Military & Space
• Communications, Radar & EW
• Test Equipment & Sensors




Similar Part No. - HMC558

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC558 HITTITE-HMC558 Datasheet
233Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14 GHz
logo
Analog Devices
HMC558A AD-HMC558A Datasheet
367Kb / 15P
Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
REV. 0
HMC558A AD-HMC558A Datasheet
480Kb / 32P
5.5 GHz to 14 GHz, GaAs MMIC Fundamental Mixer
3/2020-Revision 0
HMC558A-SX AD-HMC558A-SX Datasheet
480Kb / 32P
5.5 GHz to 14 GHz, GaAs MMIC Fundamental Mixer
3/2020-Revision 0
HMC558ACHIPS AD-HMC558ACHIPS Datasheet
480Kb / 32P
5.5 GHz to 14 GHz, GaAs MMIC Fundamental Mixer
3/2020-Revision 0
More results


Similar Description - HMC558

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC203 MICROSS-HMC203 Datasheet
753Kb / 7P
Microwave Radio
HMC347 MICROSS-HMC347 Datasheet
860Kb / 9P
Microwave Radio
HMC553 MICROSS-HMC553 Datasheet
864Kb / 9P
Microwave Radio
HMC554 MICROSS-HMC554 Datasheet
874Kb / 9P
Microwave Radio
HMC556 MICROSS-HMC556 Datasheet
885Kb / 9P
Microwave Radio
HMC557 MICROSS-HMC557 Datasheet
876Kb / 9P
Microwave Radio
logo
Analog Devices
HMC1093 AD-HMC1093 Datasheet
581Kb / 10P
42 GHz Microwave Radio
HMC636ST89 AD-HMC636ST89 Datasheet
393Kb / 6P
Microwave Radio
HMC311LP3 AD-HMC311LP3 Datasheet
360Kb / 6P
Microwave Radio
HMC311ST89 AD-HMC311ST89 Datasheet
356Kb / 6P
Microwave Radio
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com