Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC556 Datasheet (PDF) - Micross Components

HMC556 Datasheet PDF - Micross Components
Part # HMC556
Download  HMC556 Download
File Size   885.2 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Microwave Radio

HMC556 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC556 Datasheet PDF - Micross Components

Part # HMC556
Download  HMC556 Click to download

File Size   885.2 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Microwave Radio

HMC556 Datasheet (HTML) - Micross Components


HMC556 Product details

General Description
The HMC556 is a compact I/Q MMIC mixer which can be used as either an Image Reject Mixer or a Single Sideband Upconverter. The chip utilizes two double balanced mixer cells and a 90 degree hybrid fabricated in a GaAs MESFET process. All data shown below is taken with the chip mounted in a 50 Ohm test fi xture and includes the effects of 1 mil diameter x 12 mil length bond wires on each port. A low frequency quadrature hybrid was used to produce a 100 MHz USB IF output. This compact mixer is a much smaller alternative to hybrid style Image Reject Mixers and Single Sideband Upconverter assemblies, and is ideal for microwave radio applications. The redundant IF port connections located on opposing sides of the HMC556 chip, provide added layout fl exibility.

Features
   Wide IF Bandwidth: DC - 3.5 GHz
   Image Rejection: 17.5 dB
   High LO to RF Isolation: 33 dB
   High Input IP3: +23 dBm
   Passive Topology: No DC Bias Required
   Compact Size: 1.49 x 1.12 x 0.1 mm

Typical Applications
The HMC556 is ideal for:
• Microwave Radio
• Satellite Communication Systems
• Military End Use
• Test Equipment & Sensors




Similar Part No. - HMC556

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC556 HITTITE-HMC556 Datasheet
311Kb / 6P
GaAs MMIC I/Q MIXER 36 - 41 GHz
HMC556 HITTITE-HMC556 Datasheet
239Kb / 6P
GaAs MMIC I/Q MIXER 36 - 41 GHz
HMC556 HITTITE-HMC556_09 Datasheet
239Kb / 6P
GaAs MMIC I/Q MIXER 36 - 41 GHz
More results


Similar Description - HMC556

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC203 MICROSS-HMC203 Datasheet
753Kb / 7P
Microwave Radio
HMC347 MICROSS-HMC347 Datasheet
860Kb / 9P
Microwave Radio
HMC553 MICROSS-HMC553 Datasheet
864Kb / 9P
Microwave Radio
HMC554 MICROSS-HMC554 Datasheet
874Kb / 9P
Microwave Radio
HMC557 MICROSS-HMC557 Datasheet
876Kb / 9P
Microwave Radio
HMC558 MICROSS-HMC558 Datasheet
878Kb / 9P
Microwave Radio
logo
Analog Devices
HMC1093 AD-HMC1093 Datasheet
581Kb / 10P
42 GHz Microwave Radio
HMC636ST89 AD-HMC636ST89 Datasheet
393Kb / 6P
Microwave Radio
HMC311LP3 AD-HMC311LP3 Datasheet
360Kb / 6P
Microwave Radio
HMC311ST89 AD-HMC311ST89 Datasheet
356Kb / 6P
Microwave Radio
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com